Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

219001. Datasheet(PDF) 1 Page - Littelfuse

Part # 219001.
Description  5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

219001. Datasheet(HTML) 1 Page - Littelfuse

  219001. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
419
www .littelfuse .com
Designed to IEC Standard
5 x 20 mm Time Lag Fuse (SIo-Blo®) Fuse 219 Series
®
®
V
DE
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 6 specification for Time Lag Fuses.
• Available in Cartridge and Axial Lead Format.
• Available in ratings of 1.0 to 6.3 amperes.
• Enhanced Breaking Capacity, medium I2t
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
150%
60 minutes, Minimum
210%
2 minutes, Maximum
275%
0.6 sec., Min.; 10 sec. Max
400%
.15 sec., Min.; 3 sec. Max
1000%
0.02 sec., Min.; 0.3 sec. Max.
AGENCY APPROVALS: Sheet 6 IEC 60127: SEMKO, BSI, METI, CCC, K Mark
and VDE approved 1A-6.3A. Recognized 1A to 6.3A under the components pro-
gram of Underwriters Laboratories and recognized by CSA. METI A 1A to 6.3A.
INTERRUPTING RATINGS: 150 amperes @ 250VAC, unity power factor
PACKAGING: For Axial Leads add packaging suffix XE.
ORDERING INFORMATION:
Nominal
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohms
A
2 Sec
0219 001.
1
250
0.055
3.33
0219 1.25
1.25
250
0.042
5.80
0219 01.6
1.6
250
0.032
10.61
0219 002.
2
250
0.029
14.80
0219 02.5
2.5
250
0.022
23.85
0219 3.15
3.15
250
0.017
39.20
0219 004.
4
250
0.013
70.95
0219 005.
5
250
0.010
114.0
0219 06.3
6.3
250
0.0075
204.0
100
1000
10
1
0.1
CURRENT IN AMPERES
10000
1000
100
10
1
0.1
0.01
0.001
Average Time Current Curves
219 000 Series
219 000 XE
5.2
(.205")
5.8 MAX
(.228")
22.5 MAX
(.886)
40
(1.58)
.65
(.026")
20
(.787)
11


Similar Part No. - 219001.

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
21900 AMPHENOL-21900 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
logo
Advantech Co., Ltd.
2190000902 ADVANTECH-2190000902 Datasheet
574Kb / 2P
   LGA1150 Intel® Core™i7/i5/i3/Pentium® SHB DDR3/SATA 3.0/USB3.0/Dual GbE/ 3 Displays
15-Jul-2021
2190000902 ADVANTECH-2190000902 Datasheet
1Mb / 2P
   Embedded Mini-ITX Chassis with One Expansion Slot
19-Jan-2021
2190000902 ADVANTECH-2190000902 Datasheet
494Kb / 3P
   Modular TPC - Computing Box Module with Intel® 8th Gen. Core™ i CPU
17-Jan-2023
2190000902 ADVANTECH-2190000902 Datasheet
923Kb / 2P
   Embedded Mini-ITX Chassis
More results

Similar Description - 219001.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0219125XA LITTELFUSE-0219125XA Datasheet
253Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
0219040XAP LITTELFUSE-0219040XAP Datasheet
236Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032 LITTELFUSE-218032 Datasheet
216Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
239P LITTELFUSE-239P Datasheet
235Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
0213200P LITTELFUSE-0213200P Datasheet
284Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
218032P LITTELFUSE-218032P Datasheet
293Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
215200 LITTELFUSE-215200 Datasheet
163Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
221 LITTELFUSE-221 Datasheet
94Kb / 1P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com