Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMPA27000 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # RMPA27000
Description  27-29 GHZ 1.8 Watt Power Amplifier MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA27000 Datasheet(HTML) 9 Page - Fairchild Semiconductor

  RMPA27000 Datasheet HTML 1Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 2Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 3Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 4Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 5Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 6Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 7Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 8Page - Fairchild Semiconductor RMPA27000 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TOANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUMEANY LIABILITY
ARISING OUT OF THEAPPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT
CONVEYANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is
not intended to be an exhaustive list of all such trademarks.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTENAPPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, or (c) whose
failure to perform when properly used in accordance
with instructions for use provided in the labeling, can be
reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life
support device or system whose failure to perform can
be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Preliminary
No Identification Needed
Obsolete
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.
Formative or
In Design
First Production
Full Production
Not In Production
ISOPLANAR™
LittleFET™
MICROCOUPLER™
MicroFET™
MicroPak™
MICROWIRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGIC
OPTOPLANAR™
PACMAN™
POP™
FAST
FASTr™
FPS™
FRFET™
GlobalOptoisolator™
GTO™
HiSeC™
I2C™
i-Lo™
ImpliedDisconnect™
Rev. I11
ACEx™
ActiveArray™
Bottomless™
CoolFET™
CROSSVOLT™
DOME™
EcoSPARK™
E2CMOS™
EnSigna™
FACT™
FACT Quiet Series™
Power247™
PowerSaver™
PowerTrench
QFET
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
µSerDes™
SILENT SWITCHER
SMART START™
SPM™
Stealth™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TinyLogic
TINYOPTO™
TruTranslation™
UHC™
UltraFET
VCX™
Across the board. Around the world.™
The Power Franchise
Programmable Active Droop™


Similar Part No. - RMPA27000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2059 FAIRCHILD-RMPA2059 Datasheet
246Kb / 7P
   WCDMA PowerEdge Power Amplifier Module
RMPA2259 FAIRCHILD-RMPA2259 Datasheet
235Kb / 11P
   28 dBm WCDMA PowerEdge Power Amplifier Module
RMPA2263 FAIRCHILD-RMPA2263 Datasheet
135Kb / 7P
   WCDMA Power Amplifier Module 1920-1980 MHz
RMPA2265 FAIRCHILD-RMPA2265 Datasheet
611Kb / 12P
   Dual Band WCDMA Power Amplifier Module 1850 to 1910 MHz and 1920 to 1980 MHz
RMPA2266 FAIRCHILD-RMPA2266 Datasheet
198Kb / 7P
   WCDMA Band I Power Amplifier Module
More results

Similar Description - RMPA27000

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028P1-00 ALPHA-AA028P1-00 Datasheet
139Kb / 2P
   27-29 GHz GaAs MMIC Power Amplifier
logo
Fairchild Semiconductor
RMPA29200 FAIRCHILD-RMPA29200 Datasheet
256Kb / 10P
   29-31 GHZ 2 Watt Power Amplifier MMIC
RMPA29000 FAIRCHILD-RMPA29000 Datasheet
293Kb / 10P
   27-30 GHZ 1 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC-APH462 HITTITE-HMC-APH462_09 Datasheet
235Kb / 6P
   GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
HMC-APH462 HITTITE-HMC-APH462 Datasheet
236Kb / 6P
   GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
HMC-APH460 HITTITE-HMC-APH460 Datasheet
226Kb / 6P
   GaAs HEMT MMIC 0.5 WATT POWER AMPLIFIER, 27 - 31.5 GHz
logo
TriQuint Semiconductor
TGA1073B-SCC TRIQUINT-TGA1073B-SCC Datasheet
437Kb / 7P
   27- 32 GHz 0.7 Watt Power Amplifier
TGA1073B-SCC TRIQUINT-TGA1073B-SCC_15 Datasheet
441Kb / 7P
   27 32 GHz 0.7 Watt Power Amplifier
TGA1082B TRIQUINT-TGA1082B Datasheet
405Kb / 3P
   27- 32 GHz 1.5 Watt Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com