Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVXT4066DT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LVXT4066DT
Description  Quad Analog Switch/Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4066DT Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LVXT4066DT Datasheet HTML 1Page - ON Semiconductor MC74LVXT4066DT Datasheet HTML 2Page - ON Semiconductor MC74LVXT4066DT Datasheet HTML 3Page - ON Semiconductor MC74LVXT4066DT Datasheet HTML 4Page - ON Semiconductor MC74LVXT4066DT Datasheet HTML 5Page - ON Semiconductor MC74LVXT4066DT Datasheet HTML 6Page - ON Semiconductor MC74LVXT4066DT Datasheet HTML 7Page - ON Semiconductor MC74LVXT4066DT Datasheet HTML 8Page - ON Semiconductor MC74LVXT4066DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 1999
March, 2000 – Rev. 1
1
Publication Order Number:
MC74LVXT4066/D
MC74LVXT4066
Quad Analog Switch/
Multiplexer/Demultiplexer
High–Performance Silicon–Gate CMOS
The MC74LVXT4066 utilizes silicon–gate CMOS technology to
achieve fast propagation delays, low ON resistances, and low
OFF–channel
leakage
current.
This
bilateral
switch/multiplexer/demultiplexer controls analog and digital voltages
that may vary across the full power–supply range (from VCC to GND).
The LVXT4066 is identical in pinout to the metal–gate CMOS
MC14066 and the high–speed CMOS HC4066A. Each device has four
independent switches. The device has been designed so that the ON
resistances (RON) are much more linear over input voltage than RON
of metal–gate CMOS analog switches.
The ON/OFF control inputs are compatible with standard LSTTL
outputs. The input protection circuitry on this device allows
overvoltage tolerance on the ON/OFF control inputs, allowing the
device to be used as a logic–level translator from 3.0V CMOS logic to
5.0V CMOS Logic or from 1.8V CMOS logic to 3.0V CMOS Logic
while operating at the higher–voltage power supply.
The MC74LVXT4066 input structure provides protection when voltages
up to 7V are applied, regardless of the supply voltage. This allows the
MC74LVXT4066 to be used to interface 5V circuits to 3V circuits.
Fast Switching and Propagation Speeds
High ON/OFF Output Voltage Ratio
Low Crosstalk Between Switches
Diode Protection on All Inputs/Outputs
Wide Power–Supply Voltage Range (VCC – GND) = 2.0 to 6.0 Volts
Analog Input Voltage Range (VCC – GND) = 2.0 to 6.0 Volts
Improved Linearity and Lower ON Resistance over Input Voltage
than the MC14016 or MC14066
Low Noise
LOGIC DIAGRAM
XA
YA
12
A ON/OFF CONTROL
13
XB
YB
43
B ON/OFF CONTROL
5
XC
YC
89
C ON/OFF CONTROL
6
XD
YD
11
10
D ON/OFF CONTROL
12
ANALOG
OUTPUTS/INPUTS
ANALOG INPUTS/OUTPUTS = XA, XB, XC, XD
PIN 14 = VCC
PIN 7 = GND
14–LEAD SOIC
D SUFFIX
CASE 751A
http://onsemi.com
FUNCTION TABLE
On/Off Control
Input
Off
On
L
H
14–LEAD TSSOP
DT SUFFIX
CASE 948G
PIN CONNECTION AND
MARKING DIAGRAM (Top View)
State of
Analog Switch
11
12
13
14
8
9
10
5
4
3
2
1
7
6
YD
XD
D ON/OFF
CONTROL
A ON/OFF
CONTROL
VCC
XC
YC
XB
YB
YA
XA
GND
C ON/OFF
CONTROL
B ON/OFF
CONTROL
For detailed package marking information, see the Marking
Diagram section on page 10 of this data sheet.
Device
Package
Shipping
ORDERING INFORMATION
MC74LVXT4066D
SOIC
55 Units/Rail
MC74LVXT4066DR2
SOIC
2500 Units/Reel
MC74LVXT4066DT
TSSOP
96 Units/Rail
MC74LVXT4066DTR2
TSSOP
2500 Units/Reel


Similar Part No. - MC74LVXT4066DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT4066DTR2 ONSEMI-MC74LVXT4066DTR2 Datasheet
172Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 2
MC74LVXT4066DTR2G ONSEMI-MC74LVXT4066DTR2G Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
More results

Similar Description - MC74LVXT4066DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com