Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMPA61810 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RMPA61810
Description  Single Channel 6-18 GHz 1 Watt Power Amplifier MMIC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA61810 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RMPA61810 Datasheet HTML 1Page - Fairchild Semiconductor RMPA61810 Datasheet HTML 2Page - Fairchild Semiconductor RMPA61810 Datasheet HTML 3Page - Fairchild Semiconductor RMPA61810 Datasheet HTML 4Page - Fairchild Semiconductor RMPA61810 Datasheet HTML 5Page - Fairchild Semiconductor RMPA61810 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2004 Fairchild Semiconductor Corporation
March 2004
RMPA61810 Rev. B
RMPA61810
Single Channel 6-18 GHz 1 Watt Power Amplifier MMIC
General Description
The Fairchild Semiconductor RMPA61810 is a fully
monolithic power amplifier operating over the 6.0 to 18.0
GHz frequency band. The amplifier uses a 0.25 micron
Pseudomorphic High Electron Mobility Transistor (PHEMT)
process to maximize efficiency and output power. The chip
configuration
incorporates
two
stages
of
reactively
combined amplifiers at the output preceded by an input
amplifier stage. This single channel amplifier provides
typically, 21dB small signal gain and 31dBm output power
at 1dB gain compression.
Features
• 21dB Typical Small Signal Gain
• 2.0:1 Typical Input VSWR, 2.5:1 Typical Output VSWR
• 31dBm Output Power at 1dB Gain Compression
• 32dBm Output Power at 3dB Gain Compression
• 22% Typical Power Added Efficiency at 1dB Gain
Compression
• Chip size: 6.55mm x 2.67mm x 0.1mm
Absolute Ratings
Electrical Characteristics (Operated at 25°C, 50Ω system, Vd = +8V, quiescent current (Idq = 600 mA)
Note:
1. Typical range of the negative gate voltage is -1 to 0V to set a typical Idq of 600 mA.
Symbol
Parameter
Ratings
Units
Vd
Positive Drain DC Voltage
8.5
V
Vg
Negative DC Voltage
-2
V
Vdg
Simultaneous (Vd–Vg)
+10.5
V
Pin
RF CW Input Power (50
Ω source)
27
dBm
Id
Drain Current
1.2
A
TSTG
Storage Temperature
-55 to +125
°C
Tc
Operating Baseplate Temperature
-40 to +85
°C
RJC
Thermal Resistance (Channel to Backside)
12
°C/W
Parameter
Min
Typ
Max
Units
Frequency Range
6.0
18.0
GHz
Small Signal Gain
15
21
dB
P1dB Compression
28
31
dBm
P3dB Compression
30
32
dBm
PAE at 1dB Gain Compression
12
22
%
Input Return Loss
9.5
dB
Output Return Loss
7.4
dB
Gate Voltage (Vg)1
-0.4
V
Gain vs. Temp. 0 ~ 85°C
-0.025
dB/°C
Device


Similar Part No. - RMPA61810

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
RMPA61800 RAYTHEON-RMPA61800 Datasheet
386Kb / 7P
   Dual Channel 6-18 GHz 2 Watt Power Amplifier MMIC
More results

Similar Description - RMPA61810

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP216 EXCELICS-EMP216 Datasheet
260Kb / 5P
   6 - 18 GHz 2 Watt Power Amplifier MMIC
logo
Raytheon Company
RMPA61800 RAYTHEON-RMPA61800 Datasheet
386Kb / 7P
   Dual Channel 6-18 GHz 2 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC-APH478 HITTITE-HMC-APH478 Datasheet
207Kb / 6P
   GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 18 - 20 GHz
HMC637 HITTITE-HMC637 Datasheet
609Kb / 8P
   GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
HMC637LP5 HITTITE-HMC637LP5 Datasheet
931Kb / 8P
   GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
HMC590 HITTITE-HMC590_09 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6 - 10 GHz
logo
TriQuint Semiconductor
TGA2501-GSG TRIQUINT-TGA2501-GSG Datasheet
380Kb / 11P
   2.8 Watt 6-18 GHz Power Amplifier
logo
Fairchild Semiconductor
RMPA29000 FAIRCHILD-RMPA29000 Datasheet
293Kb / 10P
   27-30 GHZ 1 Watt Power Amplifier MMIC
RMPA39100 FAIRCHILD-RMPA39100 Datasheet
473Kb / 10P
   37-40 GHz 1 Watt Power Amplifier MMIC
logo
Tyco Electronics
MAAPSM0008 MACOM-MAAPSM0008 Datasheet
220Kb / 6P
   1-Watt Power Amplifier 5 - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com