Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVXT8053DR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LVXT8053DR2
Description  Analog Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT8053DR2 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LVXT8053DR2 Datasheet HTML 1Page - ON Semiconductor MC74LVXT8053DR2 Datasheet HTML 2Page - ON Semiconductor MC74LVXT8053DR2 Datasheet HTML 3Page - ON Semiconductor MC74LVXT8053DR2 Datasheet HTML 4Page - ON Semiconductor MC74LVXT8053DR2 Datasheet HTML 5Page - ON Semiconductor MC74LVXT8053DR2 Datasheet HTML 6Page - ON Semiconductor MC74LVXT8053DR2 Datasheet HTML 7Page - ON Semiconductor MC74LVXT8053DR2 Datasheet HTML 8Page - ON Semiconductor MC74LVXT8053DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC74LVXT8053
http://onsemi.com
3
DC CHARACTERISTICS — Digital Section (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Condition
VCC
V
–55 to 25
°C
≤85°C
≤125°C
Unit
VIH
Minimum High–Level Input
Voltage, Channel–Select or
Enable Inputs
Ron = Per Spec
3.0
4.5
5.5
1.2
2.0
2.0
1.2
2.0
2.0
1.2
2.0
2.0
V
VIL
Maximum Low–Level Input
Voltage, Channel–Select or
Enable Inputs
Ron = Per Spec
3.0
4.5
5.5
0.53
0.8
0.8
0.53
0.8
0.8
0.53
0.8
0.8
V
Iin
Maximum Input Leakage Current,
Channel–Select or Enable Inputs
Vin = VCC or GND,
5.5
± 0.1
± 1.0
± 1.0
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Channel Select, Enable and
VIS = VCC or GND; VIO = 0 V
5.5
4
40
160
µA
DC ELECTRICAL CHARACTERISTICS Analog Section
Guaranteed Limit
Symbol
Parameter
Test Conditions
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
Ron
Maximum “ON” Resistance
Vin = VIL or VIH
VIS = VCC to GND
|IS| v 10.0 mA (Figures 1, 2)
3.0
4.5
5.5
40
30
25
45
32
28
50
37
30
Vin = VIL or VIH
VIS = VCC or GND (Endpoints)
|IS| v 10.0 mA (Figures 1, 2)
3.0
4.5
5.5
30
25
20
35
28
25
40
35
30
∆Ron
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
Vin = VIL or VIH
VIS = 1/2 (VCC – GND)
|IS| v 10.0 mA
3.0
4.5
5.5
15
8.0
8.0
20
12
12
25
15
15
Ioff
Maximum Off–Channel Leakage
Current, Any One Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 3)
5.5
0.1
0.5
1.0
µA
Maximum Off–Channel
Leakage Current,
Common Channel
Vin = VIL or VIH;
VIO = VCC or GND;
Switch Off (Figure 4)
5.5
0.1
1.0
2.0
Ion
Maximum On–Channel
Leakage Current,
Channel–to–Channel
Vin = VIL or VIH;
Switch–to–Switch =
VCC or GND; (Figure 5)
5.5
0.1
1.0
2.0
µA


Similar Part No. - MC74LVXT8053DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053DR2 ONSEMI-MC74LVXT8053DR2 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT8053DR2G ONSEMI-MC74LVXT8053DR2G Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT8053DR2G ONSEMI-MC74LVXT8053DR2G Datasheet
175Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
More results

Similar Description - MC74LVXT8053DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com