Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN182373A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SCAN182373A
Description  Transparent Latch with 25ohm Series Resistor Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SCAN182373A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SCAN182373A Datasheet HTML 1Page - Fairchild Semiconductor SCAN182373A Datasheet HTML 2Page - Fairchild Semiconductor SCAN182373A Datasheet HTML 3Page - Fairchild Semiconductor SCAN182373A Datasheet HTML 4Page - Fairchild Semiconductor SCAN182373A Datasheet HTML 5Page - Fairchild Semiconductor SCAN182373A Datasheet HTML 6Page - Fairchild Semiconductor SCAN182373A Datasheet HTML 7Page - Fairchild Semiconductor SCAN182373A Datasheet HTML 8Page - Fairchild Semiconductor SCAN182373A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2000 Fairchild Semiconductor Corporation
DS011544
www.fairchildsemi.com
January 1993
Revised August 2000
SCAN182373A
Transparent Latch with 25
Ω Series Resistor Outputs
General Description
The SCAN182373A is a high performance BiCMOS trans-
parent latch featuring separate data inputs organized into
dual 9-bit bytes with byte-oriented latch enable and output
enable control signals. This device is compliant with IEEE
1149.1 Standard Test Access Port and Boundary-Scan
Architecture with the incorporation of the defined boundary-
scan test logic and test access port consisting of Test Data
Input (TDI), Test Data Out (TDO), Test Mode Select (TMS),
and Test Clock (TCK).
Features
s IEEE 1149.1 (JTAG) Compliant
s High performance BiCMOS technology
s 25
Ω series resistor outputs eliminate need for external
terminating resistors
s Buffered active-low latch enable
s 3-STATE outputs for bus-oriented applications
s 25 mil pitch SSOP (Shrink Small Outline Package)
s Includes CLAMP, IDCODE and HIGHZ instructions
s Additional instructions SAMPLE-IN, SAMPLE-OUT and
EXTEST-OUT
s Power up 3-STATE for hot insert
s Member of Fairchild’s SCAN Products
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
Order Number
Package
Number
Package Description
SCAN182373ASSC
MS56A
56-Lead Shrink Small Outline Package (SSOP), JEDEC MO-118, 0.300 Wide
Pin Names
Description
AI(0–8), BI(0–8)
Data Inputs
ALE, BLE
Latch Enable Inputs
AOE1, BOE1
3-STATE Output Enable Inputs
AO(0–8), BO(0–8)
3-STATE Latch Outputs


Similar Part No. - SCAN182373A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SCAN182374A FAIRCHILD-SCAN182374A Datasheet
107Kb / 12P
   D-Type Flip-Flop with 25廓 Series Resistor Outputs
SCAN182374ASSC FAIRCHILD-SCAN182374ASSC Datasheet
107Kb / 12P
   D-Type Flip-Flop with 25廓 Series Resistor Outputs
More results

Similar Description - SCAN182373A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN182245A NSC-SCAN182245A Datasheet
231Kb / 18P
   Non-Inverting Transceiver with 25OHM Series Resistor Outputs
logo
Fairchild Semiconductor
74LVTH162373 FAIRCHILD-74LVTH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
SCAN182245A FAIRCHILD-SCAN182245A Datasheet
135Kb / 13P
   Non-Inverting Transceiver with 25ohm Series Resistor Outputs
SCAN182541A FAIRCHILD-SCAN182541A Datasheet
95Kb / 11P
   Non-Inverting Line Driver with 25ohm Series Resistor Outputs
logo
National Semiconductor ...
SCAN18373T NSC-SCAN18373T Datasheet
170Kb / 14P
   Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
SCAN18373T FAIRCHILD-SCAN18373T Datasheet
99Kb / 12P
   Transparent Latch with 3-STATE Outputs
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
logo
National Semiconductor ...
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com