Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61016F Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M61016F
Description  BUILTIN 2-CHANNEL SPD SENSOR DETECT AMOUNT OF LIGHT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61016F Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M61016F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61016F Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MITSUBISHI ICS<AV COMMON>
M61016F
BUILT-IN 2-CHANNEL SPD SENSOR DETECT AMOUNT OF LIGHT
MITSUBISHI
(
/ 8 )
PRELIMINARY
ICC
illuminance: 200 lux
6
mA
4
-
VTHCS1
VCC-0.8
VCC-2.2
V
CS1 input pin
CS1I
Ground current 1
-150
-16
µA
V
µA
VTE
dVTE1
Absolute value of thermometer output
Load current : - 0.2mA
20
-20
-
Output voltage variance at VCC=5V-1V
-45
45
mV
VOS
SP side , illuminance
8 lux
2120
2440
2760
mV
dVTE2
dVOS1
-45
45
VOA
AVE side ,illuminance
8 lux
1680
1940
2200
mV
dEVA1
dEVA2
AVE side ,illuminance 0.25 to * lux
0.3
-0.3
AVE side ,Variance when illuminance changes from 8 to 32
-
dVOA1
-45
45
AVE
SP , illuminance
2 to 100000 lux
trc2
Switching response 2
3000
-
10
trs
SP side , illuminance
2 lux
20
ms
-
5
tra
AVE side , illuminance
0.5 lux
50
-
20
trc1
Switching response 1
SP
AVE , illuminance
0.125 to 12500 lux
3000
µS
-
10
-
-
-
dEVA3
AVE side ,illuminance 0.125 to 0.25 lux
0.5
EV
-0.5
-
3
-50
-150
-16
-50
Output voltage variance at VCC=5V+1V
Thermometer supply voltage variance 2
-45
45
-
dVTE3
SP side ,Output voltage variance at VCC=5V-1V
SP side ,Output voltage variance at VCC=5V+1V
-45
45
-
dVOS2
dEVS1
dEVS2
SP side ,Variance when illuminance changes from 8 to 32
SP side ,illuminance 4 to * lux
-116
-125
-134
0.3
-0.3
-
dEVS3
SP side ,illuminance 2 to 4 lux
0.5
EV
-0.5
-
AVE side ,Output voltage variance at VCC=5V-1V
AVE side ,Output voltage variance at VCC=5V+1V
-45
45
-
dVOA2
VCC-1.5
Threshold voltage 1
Current of between CS1pin to GND VCC = 5V
VHSEL
VCC-0.8
VCC-2.2
SEL input pin
SELI
VCC-1.5
Current of between SELpin to GND
VCC = 5V
I / F
Thermo
-meter
SPOT
AVE
Response
V
µA
-150
-16
-50
VTHCS2
VCC-0.8
VCC-2.2
CS2 input pin
CS2I
Ground current 2
VCC-1.5
Current of between CS2pin to GND VCC = 5V
Variance of thermometer output
dVTE4
mV/ºC
* Decide after confirmation of real power
ELECTRICAL CHARACTERISTICS
(Ta=25°C, light source 4500°K, illuminance: measured after transmitting products through CM 500 filter, unless otherwise noted)
Symbol
Parameter
Test Conditions
Limits
Min
Typ
Max
Unit
Block
Circuit current
Power supply response 1
Power supply response 2
Photometry output linearity 2
Photometry output linearity 1
Variance per level (1EV)
Photometry output supply voltage variance 2
Photometry output supply voltage variance 1
Absolute value of photometry output
Photometry output linearity 2
Photometry output linearity 1
Variance per level (1EV)
Absolute value of photometry output
Photometry output supply voltage variance 1
Photometry output supply voltage variance 2
Ground current 3
Threshold voltage 2
Threshold voltage 3
Thermometer output voltage load variance
Thermometer supply voltage variance 1
1200
-22.1
960
1440
-24.3
-19.9
-116
-125
-134


Similar Part No. - M61016F

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M610161FST MTRONPTI-M610161FST Datasheet
405Kb / 2P
   IEEE 1588 & Synchronous Ethernet
M610161TST MTRONPTI-M610161TST Datasheet
405Kb / 2P
   IEEE 1588 & Synchronous Ethernet
M610162FST MTRONPTI-M610162FST Datasheet
405Kb / 2P
   IEEE 1588 & Synchronous Ethernet
M610162TST MTRONPTI-M610162TST Datasheet
405Kb / 2P
   IEEE 1588 & Synchronous Ethernet
More results

Similar Description - M61016F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52979F MITSUBISHI-M52979F Datasheet
33Kb / 5P
   2-CHANNEL SPD SENSOR BUILT-IN DETECT AMOUNT OF LIGHT
logo
Renesas Technology Corp
SPD5108 RENESAS-SPD5108 Datasheet
2Mb / 103P
   Serial Presence Detect (SPD) EEPROMs
Rev.1.11 Sep 15, 2021
logo
Lumileds Lighting Compa...
DS205 LUMILEDS-DS205 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
LUXEON4014 LUMILEDS-LUXEON4014 Datasheet
1Mb / 14P
   Compact footprint delivering high-efficacy and just the right amount of light
MXZ7-PW50 LUMILEDS-MXZ7-PW50 Datasheet
2Mb / 25P
   Compact footprint delivering high-efficacy and just the right amount of light
logo
Omron Electronics LLC
F39-TC5 OMRON-F39-TC5 Datasheet
338Kb / 8P
   Significantly reduces amount of wiring between Safety Light Curtains and Muting Sensors.
logo
Lumileds Lighting Compa...
PB205 LUMILEDS-PB205 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
logo
Intersil Corporation
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com