Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB1T1104MHX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # USB1T1104MHX
Description  Universal Serial Bus Peripheral Transceiver with Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

USB1T1104MHX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  USB1T1104MHX Datasheet HTML 1Page - Fairchild Semiconductor USB1T1104MHX Datasheet HTML 2Page - Fairchild Semiconductor USB1T1104MHX Datasheet HTML 3Page - Fairchild Semiconductor USB1T1104MHX Datasheet HTML 4Page - Fairchild Semiconductor USB1T1104MHX Datasheet HTML 5Page - Fairchild Semiconductor USB1T1104MHX Datasheet HTML 6Page - Fairchild Semiconductor USB1T1104MHX Datasheet HTML 7Page - Fairchild Semiconductor USB1T1104MHX Datasheet HTML 8Page - Fairchild Semiconductor USB1T1104MHX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.fairchildsemi.com
Functional Description
The USB1T1104 transceiver is designed to convert CMOS data
into USB differential bus signal levels and to convert USB differ-
ential bus signal to CMOS data.
To minimize EMI and noise the outputs are edge rate controlled
with the rise and fall times controlled and defined for full speed
data rates. The rise, fall times are balanced between the differ-
ential pins to minimize skew.
Table 1 describes the specific pin functionality selection.
Table 2, Table 3, and Table 4 describe the specific Truth Tables
for Driver and Receiver operating functions.
The USB1T1104 also has the capability of various power supply
configurations to support mixed voltage supply applications (see
Table 5) and Power Supply Configurations and Options for
detailed descriptions.
Functional Tables
TABLE 1. Function Select
Note 1: Signal levels is function of connection and/or pull-up/pull-down resistors.
Note 2: For SUSPND = HIGH mode the differential receiver is inactive and the output RCV output is forced LOW. The out-of-suspend signaling (K) is detected via the single-
ended receiver outputs of the Vp and Vm pins.
TABLE 2. Driver Function (OE = L) using Differential Input Interface Mode Pin = H
Note 3: SE0 = Single Ended Zero
TABLE 3. Driver Function (OE = L) using Single-ended Input Interface Mode Pin = L
Note 4: SE0 = Single Ended Zero
Terminal
Number
Terminal
Name
I/O
Terminal Description
Exposed
Diepad
GND
GND
GND supply down bonded to exposed diepad to be connected to the PCB GND.
SUSPND
OE
D
, D
RCV
Vp/Vm
Function
L
L
Driving &
Receiving
Active
Active
Normal Driving (Differential Receiver Active)
L
H
Receiving
(Note 1)
Active
Active
Receiving
H
L
Driving
Inactive
(Note 2)
Active
Driving during Suspend
(Differential Receiver Inactive)
HH
3-STATE
(Note 1)
Inactive
(Note 2)
Active
Low Power State
Vmo
Vpo
Data
L
L
SE0 (Note 3)
L
H
Differential Logic 1
H
L
Differential Logic 0
H
H
Illegal State
FSE0
Vo
Data
L
L
Differential Logic 0
L
H
Differential Logic 1
H
L
SE0 (Note 4)
H
H
SE0 (Note 4)


Similar Part No. - USB1T1104MHX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T1102 FAIRCHILD-USB1T1102 Datasheet
1Mb / 14P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1102MHX FAIRCHILD-USB1T1102MHX Datasheet
1Mb / 14P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1102MPX FAIRCHILD-USB1T1102MPX Datasheet
1Mb / 14P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1102R FAIRCHILD-USB1T1102R Datasheet
1Mb / 14P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1102RMHX FAIRCHILD-USB1T1102RMHX Datasheet
1Mb / 14P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
More results

Similar Description - USB1T1104MHX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T1102 FAIRCHILD-USB1T1102 Datasheet
1Mb / 14P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1105A FAIRCHILD-USB1T1105A Datasheet
304Kb / 12P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1103 FAIRCHILD-USB1T1103_06 Datasheet
1Mb / 16P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USB1T1103 FAIRCHILD-USB1T1103 Datasheet
1Mb / 15P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
USBIT1103 FAIRCHILD-USBIT1103 Datasheet
1Mb / 16P
   Universal Serial Bus Peripheral Transceiver with Voltage Regulator
logo
Intel Corporation
8X931AA INTEL-8X931AA Datasheet
226Kb / 30P
   UNIVERSAL SERIAL BUS PERIPHERAL CONTROLLERS
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
NXP Semiconductors
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com