Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA70QS40-14F Datasheet(PDF) 1 Page - Littelfuse

Part # LA70QS40-14F
Description  LA70QS French Cylindrical Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA70QS40-14F Datasheet(HTML) 1 Page - Littelfuse

  LA70QS40-14F Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
96
LA70QS French Cylindrical Fuses
690 Volts I Very Fast-Acting I 10 – 100 Amperes
SPECIFICATIONS
Voltage Rating: AC: 690 Volts
DC: 700 Volts
Interrupting Rating: AC: 200,000 Amperes
DC: 100,000 Amperes
Ampere Range: 10 – 100 Amperes
Approvals: UL Recognized under the components
program.
CSA Certified.
Littelfuse’s French Cylindrical style semiconductor fuses are
an extension to the LA70QS series. They offer a solid-fill
design with high interrupting ratings and an optional striker
for visual or remote blown fuse indication. The international
14x51mm and 22x58mm sizes are accepted worldwide
LA 70 QS 20 -14F I
Style
Littelfuse
Ampere
Rating
Size
Voltage
(700)
ORDERING INFORMATION
Optional
Striker
(I)
14x51mm
14F
22x58mm
22F
10
LA70QS10-14F LA70QS10-14FI
14x51
0.04
3.5
12
LA70QS12-14F LA70QS12-14FI
14x51
0.06
4.4
16
LA70QS16-14F LA70QS16-14FI
14x51
0.10
4.8
20
LA70QS20-14F LA70QS20-14FI
14x51
0.16
5.2
25
LA70QS25-14F LA70QS25-14FI
14x51
0.27
5.8
32
LA70QS32-14F LA70QS32-14FI
14x51
1.50
7.0
40
LA70QS40-14F LA70QS40-14FI
14x51
0.70
10.7
50
LA70QS50-14F LA70QS50-14FI
14x51
1.50
11.6
10
LA70QS10-22F LA70QS10-22FI
22x58
0.025
4.0
15
LA70QS15-22F LA70QS15-22FI
22x58
0.049
6.2
20
LA70QS20-22F LA70QS20-22FI
22x58
0.076
8.0
25
LA70QS25-22F LA70QS25-22FI
22x58
0.125
10.0
32
LA70QS32-22F LA70QS32-22FI
22x58
0.27
11.0
40
LA70QS40-22F LA70QS40-22FI
22x58
0.48
13.0
50
LA70QS50-22F LA70QS50-22FI
22x58
0.80
14.9
63
LA70QS63-22F LA70QS63-22FI
22x58
1.85
16.0
70
LA70QS70-22F LA70QS70-22FI
22x58
2.80
16.5
80
LA70QS80-22F LA70QS80-22FI
22x58
3.80
17.8
90
LA70QS90-22F LA70QS90-22FI
22x58
5.64
17.0
100
LA70QS100-22F LA70QS100-22FI
22x58
8.00
19.0
Ampere
Rating
Littelfuse
Catalog
Number
(No Striker)
Catalog Numbers & Technical Data
Body
Size
Maximum
Clearing I2t
@700 VAC
(A2S x 103)
Watts Loss
@ Rated
Current (W)
Littelfuse
Catalog
Number
(With Striker)
14x51 (no striker)
14
51
14
-
-
22x58 (no striker)
22
58
16
-
-
14x51 (with striker)
14
51
14
7.5
3.8
22x58 (with striker)
22
58
16
7.5
3.8
FUSE SIZE
Dimensions in mm
AB
C
Dimensions for reference only.
DE
A
B
C
A
B
C
D
E
Contact Littelfuse for characteristic curves.
NEW


Similar Part No. - LA70QS40-14F

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA70QS40-14F LITTELFUSE-LA70QS40-14F Datasheet
98Kb / 1P
   Special Purpose Fuses
More results

Similar Description - LA70QS40-14F

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
CY10X38G.5 LITTELFUSE-CY10X38G.5 Datasheet
387Kb / 1P
   Cylindrical Fuses
CY10X38G05 LITTELFUSE-CY10X38G05 Datasheet
231Kb / 1P
   CYLINDRICAL FUSES
Rev: 090319
logo
Tripp Lite. All Rights ...
TLP82F TRIPPLITE-TLP82F Datasheet
500Kb / 2P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules
logo
STMicroelectronics
GS1T70-D540F STMICROELECTRONICS-GS1T70-D540F Datasheet
64Kb / 4P
   ISDN DC-DC CONVERTER FRENCH VERSION
June 1994
logo
Tripp Lite. All Rights ...
TLP2USBF TRIPPLITE-TLP2USBF Datasheet
491Kb / 3P
   Protect It 230V Surge Protector with 2 French/Belgian Outlets, 0.33M Cord, 380 Joules, French plug
logo
Siemens Semiconductor G...
TDA2148 SIEMENS-TDA2148 Datasheet
268Kb / 10P
   AM AMPLIFIER FOR FRENCH SOUND IF STANDARD
logo
Tripp Lite. All Rights ...
TLP61F TRIPPLITE-TLP61F Datasheet
482Kb / 3P
   Protect It 230V Surge Protector with 6 French/Belgian Outlets, 2M Cord, 1140 Joules,French plug
logo
Schneider Electric
33079 SCHNEIDER-33079 Datasheet
84Kb / 1P
   user manual - for Micrologic 2.0A/7.0A - French
logo
Tripp Lite. All Rights ...
TLP82NSATF TRIPPLITE-TLP82NSATF Datasheet
501Kb / 3P
   Protect It 230V Surge Protector with 8 French/Belgian Outlets, French Plug, 2280 Joules, Tel/Coax Protection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com