Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPBC0-3 Datasheet(PDF) 5 Page - Littelfuse

Part # LPBC0-3
Description  POWR-BLOKS Distribution/Splicer Blocks and Covers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPBC0-3 Datasheet(HTML) 5 Page - Littelfuse

  LPBC0-3 Datasheet HTML 1Page - Littelfuse LPBC0-3 Datasheet HTML 2Page - Littelfuse LPBC0-3 Datasheet HTML 3Page - Littelfuse LPBC0-3 Datasheet HTML 4Page - Littelfuse LPBC0-3 Datasheet HTML 5Page - Littelfuse LPBC0-3 Datasheet HTML 6Page - Littelfuse LPBC0-3 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
138
1.00"
[25.4]
2.90"
[73.7]
.07"
[1.8]
.07"
[1.8]
.218 x .375"
[5.5 x 9.5]SLOT
3.52"
[89.3]
4.13"
[104.8]
.65 x .375"
[6.7 x 9.5] SLOT
1.00"
[25.4]
2.90"
[73.7]
.218 x .375"
[5.5 x 9.5]SLOT
.265 x .375"
[6.7 x 9.5] SLOT
3.38"
[85.8]
4.73"
[121]
5.38"
[137]
4.63"
[118]
3.38"
[85.8]
2 POLE
3 POLE
2.88"
[73.0]
2.25"
[57.2]
.56"
[14]
1.94"
[49.2]
2.75"
[69.9]
1.62"
[42]
2.25"
[57.2]
2.88"
[73.0]
.63"
[16.1]
.56"
[14]
.205 [5.2]
DIA. HOLE
1.13"
[28.6]
.56"
[14]
.62"
[16]
.62"
[16]
2.25"
[57.2]
2.88"
[73.0]
1.78"
[45.2]
1 POLE
2 POLE
3 POLE
.31"
[7.9]
LX0XXX
LX2XXX
Figure 1
Figure 3
1.52
[38.7]
1 POLE
2 POLE
4 POLE
3 POLE
LX1XXX
Figure 2
POWR-BLOKS
Distribution/Splicer Blocks and Covers


Similar Part No. - LPBC0-3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LPBC02 LITTELFUSE-LPBC02 Datasheet
1Mb / 8P
   Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
LPBC03 LITTELFUSE-LPBC03 Datasheet
1Mb / 8P
   Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
More results

Similar Description - LPBC0-3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFD25703Z LITTELFUSE-LFD25703Z Datasheet
1Mb / 8P
   Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
logo
Cooper Bussmann, Inc.
16000-2 COOPER-16000-2 Datasheet
1Mb / 4P
   Splicer blocks
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Littelfuse
GDB LITTELFUSE-GDB_V01 Datasheet
473Kb / 10P
   GDB SERIES TOUCH-SAFE POWR-BLOKS
Rev: 101319
BB18 LITTELFUSE-BB18 Datasheet
236Kb / 1P
   POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
1PH3P18MM LITTELFUSE-1PH3P18MM Datasheet
258Kb / 1P
   POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
logo
Marathon Special Produc...
135X702 MARATHON-135X702 Datasheet
216Kb / 4P
   POWER DISTRIBUTION BLOCK Splicer Type 135X702
REV-E 11/25/19
logo
Littelfuse
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
   POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
logo
Littelfuse
GDB LITTELFUSE-GDB Datasheet
368Kb / 10P
   Global Distribution Blocks
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com