Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH25030-2 Datasheet(PDF) 1 Page - Littelfuse

Part # LH25030-2
Description  Class H/K5 and R Fuse Blocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LH25030-2 Datasheet(HTML) 1 Page - Littelfuse

  LH25030-2 Datasheet HTML 1Page - Littelfuse LH25030-2 Datasheet HTML 2Page - Littelfuse LH25030-2 Datasheet HTML 3Page - Littelfuse LH25030-2 Datasheet HTML 4Page - Littelfuse LH25030-2 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
110
Class H/K5 and R Fuse Blocks
250 and 600 Volt
SPECIFICATIONS
Voltage Rating: 250 Volts; 600 Volts
Ampere Ratings:0 – 600 amperes
Approvals: UL Listed (File No. E14721)
CSA Certified (File No. LR73091)
RECOMMENDED FUSES
Class H Blocks
Class R Blocks
250V
600V
250V
600V
NLN
NLS
FLNR
FLSR/FLSR_ID
RLN
RLS
KLNR
KLSR
LLNRK
LLSRK/LLSRK_ID
TLN
IDSR
Class H fuse blocks are for use with Class H/K5 fuses, which
have an interrupting rating of up to 50,000 amperes. When
higher interrupting ratings are required, use Class R fuses
(200,000 A.I.R.) and Class R fuse blocks. Class R fuse blocks
are dimensionally the same as Class H blocks, but incorporate
a rejection feature which allows only Class R fuses to be in-
serted.
FEATURES/BENEFITS
Class H and Class R fuse blocks feature a one-piece fuse clip
design for positive electrical contact and minimum heat rise.
Side barriers provide isolation between poles. Bases on most
blocks are of molded phenolic or thermoplastic, UL rated at
150° C.
Class R 600V
Maximum
Wire Size
Amp
Rating
No. of
Poles
Catalog
Number
Screw
Pressure
Plate
Box
Lug
Connector Type
(Add suffix shown)
1
LR60030-1
SR
PR
CR
S & P = #10 CU
30
2
LR60030-2
SR
PR
CR
C = #6 CU-AL
3
LR60030-3
SR
PR
CR
1
LR60060-1
CR
S = #10 CU
60
2
LR60060-2
CR
C = #2 CU-AL
3
LR60060-3
CR
1
LR60100-1
C
100
2
LR60100-2
C
#2/0 CU-AL
3
LR60100-3
C
1
LR60200-1
C
200
3
LR60200-3
C
250 MCM CU-AL
1
LR60400-1
CR
400
3
LR60400-3
CR
(2) 350 MCM CU-AL
1
LR60600-1
C
600
3
LR60600-3
C
(2) 500 MCM CU-AL
Note: Reinforcing springs standard on all Class R fuse blocks.
Class R 250V
Maximum
Wire Size
Amp
Rating
No. of
Poles
Catalog
Number
Screw
Pressure
Plate
Box
Lug
Connector Type
(Add suffix shown)
1
LR25030-1
SR
PR
CR
S & P = #10 CU
30
2
LR25030-2
SR
PR
CR
C = #6 CU-AL
3
LR25030-3
SR
PR
CR
1
LR25060-1
CR
S = #10 CU
60
2
LR25060-2
CR
C = #2 CU-AL
3
LR25060-3
CR
1
LR25100-1
C
100
2
LR25100-2
C
#2/0 CU-AL
3
LR25100-3
C
1
LR25200-1
C
200
3
LR25200-3
C
250 MCM CU-AL
1
LR25400-1
CR
400
3
LR25400-3
CR
(2) 350 MCM CU-AL
1
LR25600-1
C
600
3
LR25600-3
C
(2) 500 MCM CU-AL
Note: Reinforcing springs standard on all Class R fuse blocks.
Class H 600V
1
LH25030-1
S (R)
P (R)
C (R)
S & P = #10 CU
30
2
LH25030-2
S (R)
P (R)
C (R)
C = #6 CU-AL
3
LH25030-3
S (R)
P (R)
C (R)
1
LH25060-1
S (R)
C (R)
S = #10 CU
60
2
LH25060-2
S (R)
C (R)
C = #2 CU-AL
3
LH25060-3
S (R)
C (R)
1
LH25100-1
C
100
2
LH25100-2
C
#2/0 CU-AL
3
LH25100-3
C
1
LH25200-1
C
200
3
LH25200-3
C
250 MCM CU-AL
1
LH25400-1
CR
400
3
LH25400-3
CR
(2) 350 MCM CU-AL
1
LH25600-1
C
600
3
LH25600-3
C
(2) 500 MCM CU-AL
Note: Reinforcing springs standard on all Class H fuse
blocks 100 amperes and above.
Maximum
Wire Size
Amp
Rating
No. of
Poles
Catalog
Number
Screw
Pressure
Plate
Box
Lug
Connector Type
(Add suffix shown)
Maximum
Wire Size
Amp
Rating
No. of
Poles
Catalog
Number
Screw
Pressure
Plate
Box
Lug
Connector Type
(Add suffix shown)
1
LH60030-1
S (R)
P (R)
C (R)
S & P = #10 CU
30
2
LH60030-2
S (R)
P (R)
C (R)
C = #6 CU-AL
3
LH60030-3
S (R)
P (R)
C (R)
1
LH60060-1
C (R)
S = #10 CU
60
2
LH60060-2
C (R)
C = #2 CU-AL
3
LH60060-3
C (R)
1
LH60100-1
C
100
2
LH60100-2
C
#2/0 CU-AL
3
LH60100-3
C
1
LH60200-1
C
200
3
LH60200-3
C
250 MCM CU-AL
1
LH60400-1
CR
400
3
LH60400-3
CR
(2) 350 MCM CU-AL
1
LH60600-1
C
600
3
LH60600-3
C
(2) 500 MCM CU-AL
Note: Reinforcing springs standard on all Class H fuse blocks
100 amperes and above.
Class H 250V


Similar Part No. - LH25030-2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LH25030-PC LITTELFUSE-LH25030-PC Datasheet
446Kb / 1P
   Fuse Blocks, Holders and Accessories
More results

Similar Description - LH25030-2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
Cooper Bussmann, Inc.
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
J-63 COOPER-J-63 Datasheet
372Kb / 2P
   Class H (K), J and R ferrule and blade fuse reducers
logo
Eaton All Rights Reserv...
H-K EATON-H-K Datasheet
547Kb / 2P
   Class H/K, J and R ferrule and blade fuse reducers
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com