Electronic Components Datasheet Search |
|
L2004F81 Datasheet(PDF) 5 Page - Littelfuse |
|
L2004F81 Datasheet(HTML) 5 Page - Littelfuse |
5 / 8 page Data Sheets Sensitive Triacs ©2004 Littelfuse, Inc. E1 - 5 http://www.littelfuse.com Thyristor Product Catalog +1 972-580-7777 Electrical Specification Notes (1) For either polarity of MT2 with reference to MT1 terminal (2) For either polarity of gate voltage VGT with reference to MT1 terminal (3) See Gate Characteristics and Definition of Quadrants. (4) See Figure E1.4 for iT versus vT. (5) See Figure E1.6 for VGT versus TC. (6) See Figure E1.7 for IGT versus TC. (7) See Figure E1.5 for IH versus TC. (8) See Figure E1.9 for surge rating and specific duration. (9) See Figure E1.8 for tgt versus IGT. (10) See Figure E1.2 and Figure E1.3 for maximum allowable case temperature at maximum rated current. (11) See Figure E1.1, Figure E1.2, and Figure E1.3 for TA or TC versus IT(RMS). (12) See package outlines for lead form configurations. When ordering special lead forming, add type number as suffix to part number. (13) Pulse width ≤10 µs (14) TC or TL = TJ for test conditions in off state (15) Minimum non-trigger VGT at 110 °C is 0.2 V. Gate Characteristics Teccor triacs may be turned on between gate and MT1 terminals in the following ways: • In-phase signals (with standard AC line) using Quadrants I and III • Application of unipolar pulses (gate always positive or nega- tive), using Quadrants II and III with negative gate pulses and Quadrants I and IV with positive gate pulses When maximum surge capability is required, pulses should be a minimum of one magnitude above IGT rating with a steep rising waveform (≤1 µs rise time). Definition of Quadrants VTM VGT IH IGTM PGM PG(AV) ITSM dv/dt(c) dv/dt tgt I2t di/dt (1) (4) Volts (2) (5) (15) Volts (1) (7) mAmps (13) Amps (13) Watts Watts (8) (10) Amps (1) (10) Volts/µSec (1) Volts/µSec (9) µSec Amps2Sec Amps/µSec TC = 25 °C TC = 25 °C 60/50 Hz TC = 100 °C MAX MAX MAX TYP TYP TYP 1.6 2 10 1.6 18 0.4 60/50 1 40 3 15 70 1.6 2 10 1.6 18 0.4 60/50 1 30 3 15 70 1.6 2 10 1.6 18 0.4 60/50 1 20 3 15 70 1.6 2 10 1.6 18 0.4 60/50 2 40 3 15 70 1.6 2 10 1.6 18 0.4 60/50 2 30 3 15 70 1.6 2 10 1.6 18 0.4 60/50 2 20 3 15 70 1.6 2 20 1.6 18 0.4 60/50 2 45 3.2 15 70 1.6 2 20 1.6 18 0.4 60/50 2 40 3.2 15 70 1.6 2 20 1.6 18 0.4 60/50 2 30 3.2 15 70 1.6 2 10 1.6 18 0.4 80/65 2 40 3 26.5 70 1.6 2 10 1.6 18 0.4 80/65 2 30 3 26.5 70 1.6 2 10 1.6 18 0.4 80/65 2 20 3 26.5 70 1.6 2 20 1.6 18 0.4 80/65 2 45 3.2 26.5 70 1.6 2 20 1.6 18 0.4 80/65 2 40 3.2 26.5 70 1.6 2 20 1.6 18 0.4 80/65 2 30 3.2 26.5 70 MT2 POSITIVE (Positive Half Cycle) MT2 NEGATIVE (Negative Half Cycle) MT1 MT2 + I GT REF QII MT1 I GT GATE MT2 REF MT1 MT2 REF MT1 MT2 REF QI QIV QIII ALL POLARITIES ARE REFERENCED TO MT1 ( -) I GT GATE (+) I GT - I GT GATE ( -) I GT GATE (+) + - |
Similar Part No. - L2004F81 |
|
Similar Description - L2004F81 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |