Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCH132-3 Datasheet(PDF) 6 Page - Littelfuse

Part # LCH132-3
Description  POWR-BLOKS Distribution/Splicer Blocks and Covers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCH132-3 Datasheet(HTML) 6 Page - Littelfuse

  LCH132-3 Datasheet HTML 1Page - Littelfuse LCH132-3 Datasheet HTML 2Page - Littelfuse LCH132-3 Datasheet HTML 3Page - Littelfuse LCH132-3 Datasheet HTML 4Page - Littelfuse LCH132-3 Datasheet HTML 5Page - Littelfuse LCH132-3 Datasheet HTML 6Page - Littelfuse LCH132-3 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
139
2.61"
[66.2]
1.94"
[49.3]
.97"
[25]
1.17"
[29.7]
.31"
[7.9]
.31"
[7.9]
4.00"
[102]
3.38"
(85.7)
1.17"
[29.7]
.97"
(25)
3.47"
[88.1]
1.53"
[38.9]
4.00"
[102]
3.38"
(85.7)
4.00"
[101.6]
3.38"
[85.7]
.97"
[25]
5.00"
[127.0]
.31"
[7.9]
1.17"
[29.7]
1 POLE
2 POLE
3 POLE
1.53"
[38.9]
POWR-BLOKS
Distribution/Splicer Blocks and Covers
LX3XXX
Figure 5
LX2XXX-DIN
Figure 4
2.42
[61.5]
1 POLE
2 POLE
3 POLE
ADDER


Similar Part No. - LCH132-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCH100 VISHAY-LCH100 Datasheet
136Kb / 6P
   Power Resistor, for Mounting onto a Heatsink Thick Film Technology
Revision: 05-Aug-13
logo
LUXPIA
LCH1035 LUXPIA-LCH1035 Datasheet
220Kb / 16P
   3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
More results

Similar Description - LCH132-3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFD25703Z LITTELFUSE-LFD25703Z Datasheet
1Mb / 8P
   Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
logo
Cooper Bussmann, Inc.
16000-2 COOPER-16000-2 Datasheet
1Mb / 4P
   Splicer blocks
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Littelfuse
GDB LITTELFUSE-GDB_V01 Datasheet
473Kb / 10P
   GDB SERIES TOUCH-SAFE POWR-BLOKS
Rev: 101319
BB18 LITTELFUSE-BB18 Datasheet
236Kb / 1P
   POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
1PH3P18MM LITTELFUSE-1PH3P18MM Datasheet
258Kb / 1P
   POWR-GARD짰 Blocks and Holders BUS BAR SYSTEM
Rev: 091720
logo
Marathon Special Produc...
135X702 MARATHON-135X702 Datasheet
216Kb / 4P
   POWER DISTRIBUTION BLOCK Splicer Type 135X702
REV-E 11/25/19
logo
Littelfuse
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
   POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
logo
Littelfuse
GDB LITTELFUSE-GDB Datasheet
368Kb / 10P
   Global Distribution Blocks
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com