Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54HC04 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 54HC04
Description  Hex Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54HC04 Datasheet(HTML) 3 Page - Motorola, Inc

  54HC04 Datasheet HTML 1Page - Motorola, Inc 54HC04 Datasheet HTML 2Page - Motorola, Inc 54HC04 Datasheet HTML 3Page - Motorola, Inc 54HC04 Datasheet HTML 4Page - Motorola, Inc 54HC04 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC74VHC04
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS
Unit
TA = –40 to 85°C
TA = 25°C
VCC
V
Test Conditions
Parameter
Symbol
Unit
Max
Min
Max
Typ
Min
VCC
V
Test Conditions
Parameter
Symbol
Iin
Maximum Input
Leakage Current
Vin = 5.5 or GND
0 to 5.5
± 0.1
± 0.1
µA
ICC
Maximum Quiescent
Supply Current
Vin = VCC or GND
5.5
2.0
20.0
µA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Sb l
P
T
C
di i
TA = 25°C
TA = –40 to 85°C
Ui
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation Delay,
A or B to Y
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
5.0
7.5
7.1
10.6
1.0
1.0
8.5
12.0
ns
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
3.8
5.3
5.5
7.5
1.0
1.0
6.5
8.5
Cin
Maximum Input Capacitance
4
10
10
pF
C
PDi
i
i
C
i
(P
I
) (N
1 )
Typical @ 25
°C, VCC = 5.0V
F
CPD
Power Dissipation Capacitance (Per Inverter) (Note 1.)
18
pF
1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Averageoperatingcurrentcanbeobtainedbytheequation:ICC(OPR)=CPDVCCfin+ICC / 6(perbuffer).CPDisusedtodeterminetheno–load
dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
Sb l
Ch
i i
TA = 25°C
Ui
Symbol
Characteristic
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.4
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
–0.4
–0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V
Figure 1. Switching Waveforms
VCC
GND
50%
50% VCC
A
Y
tPHL
tPLH
* Includes all probe and jig capacitance
Figure 2. Test Circuit
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3. Input Equivalent Circuit
INPUT


Similar Part No. - 54HC04

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54HC04 SS-54HC04 Datasheet
382Kb / 5P
   High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
381Kb / 5P
   High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
371Kb / 5P
   High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
372Kb / 5P
   High Speed CMOS Logic
54HC04 SS-54HC04_V01 Datasheet
372Kb / 5P
   High Speed CMOS Logic
More results

Similar Description - 54HC04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com