Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV67539.MP8B Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MV67539.MP8B
Description  PCB MOUNT LED INDICATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MV67539.MP8B Datasheet(HTML) 6 Page - Fairchild Semiconductor

  MV67539.MP8B Datasheet HTML 1Page - Fairchild Semiconductor MV67539.MP8B Datasheet HTML 2Page - Fairchild Semiconductor MV67539.MP8B Datasheet HTML 3Page - Fairchild Semiconductor MV67539.MP8B Datasheet HTML 4Page - Fairchild Semiconductor MV67539.MP8B Datasheet HTML 5Page - Fairchild Semiconductor MV67539.MP8B Datasheet HTML 6Page - Fairchild Semiconductor MV67539.MP8B Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
12/11/02
Page 6 of 7
© 2002 Fairchild Semiconductor Corporation
PCB MOUNT LED INDICATORS
Typical Performance Characteristics (TA = 25°C)
660nm
AlGaAs RED
585nm
635nm
565nm
660nm
B. RED
697nm
RED
660nm
AlGaAs
RED
585nm
635nm
565nm
660nm
B. RED
697nm
RED
VF - FORWARD VOLTAGE (V)
Forward Current vs. Forward Voltage
Relative Intensity vs. Peak Wavelength
90
100
80
70
60
50
40
30
20
10
0
01
2
3
4
520
540
560
580
600
620
640
660
680
690
700
710
720
730
120
100
80
60
40
20
0
λ - WAVELENGTH (nm)


Similar Part No. - MV67539.MP8B

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV67539.MP8B QT-MV67539.MP8B Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
MV67539.MP8B QT-MV67539.MP8B Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
More results

Similar Description - MV67539.MP8B

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV5000 QT-MV5000 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
MV5000MP1 QT-MV5000MP1 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com