Selected language     English  ▼


LA70QS70-22FI Datasheet(PDF) 1 Page - Littelfuse

Part No. LA70QS70-22FI
Description  LA70QS French Cylindrical Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

   
 1 page
background image
96
LA70QS French Cylindrical Fuses
690 Volts I Very Fast-Acting I 10 – 100 Amperes
SPECIFICATIONS
Voltage Rating: AC: 690 Volts
DC: 700 Volts
Interrupting Rating: AC: 200,000 Amperes
DC: 100,000 Amperes
Ampere Range: 10 – 100 Amperes
Approvals: UL Recognized under the components
program.
CSA Certified.
Littelfuse’s French Cylindrical style semiconductor fuses are
an extension to the LA70QS series. They offer a solid-fill
design with high interrupting ratings and an optional striker
for visual or remote blown fuse indication. The international
14x51mm and 22x58mm sizes are accepted worldwide
LA 70 QS 20 -14F I
Style
Littelfuse
Ampere
Rating
Size
Voltage
(700)
ORDERING INFORMATION
Optional
Striker
(I)
14x51mm
14F
22x58mm
22F
10
LA70QS10-14F LA70QS10-14FI
14x51
0.04
3.5
12
LA70QS12-14F LA70QS12-14FI
14x51
0.06
4.4
16
LA70QS16-14F LA70QS16-14FI
14x51
0.10
4.8
20
LA70QS20-14F LA70QS20-14FI
14x51
0.16
5.2
25
LA70QS25-14F LA70QS25-14FI
14x51
0.27
5.8
32
LA70QS32-14F LA70QS32-14FI
14x51
1.50
7.0
40
LA70QS40-14F LA70QS40-14FI
14x51
0.70
10.7
50
LA70QS50-14F LA70QS50-14FI
14x51
1.50
11.6
10
LA70QS10-22F LA70QS10-22FI
22x58
0.025
4.0
15
LA70QS15-22F LA70QS15-22FI
22x58
0.049
6.2
20
LA70QS20-22F LA70QS20-22FI
22x58
0.076
8.0
25
LA70QS25-22F LA70QS25-22FI
22x58
0.125
10.0
32
LA70QS32-22F LA70QS32-22FI
22x58
0.27
11.0
40
LA70QS40-22F LA70QS40-22FI
22x58
0.48
13.0
50
LA70QS50-22F LA70QS50-22FI
22x58
0.80
14.9
63
LA70QS63-22F LA70QS63-22FI
22x58
1.85
16.0
70
LA70QS70-22F LA70QS70-22FI
22x58
2.80
16.5
80
LA70QS80-22F LA70QS80-22FI
22x58
3.80
17.8
90
LA70QS90-22F LA70QS90-22FI
22x58
5.64
17.0
100
LA70QS100-22F LA70QS100-22FI
22x58
8.00
19.0
Ampere
Rating
Littelfuse
Catalog
Number
(No Striker)
Catalog Numbers & Technical Data
Body
Size
Maximum
Clearing I2t
@700 VAC
(A2S x 103)
Watts Loss
@ Rated
Current (W)
Littelfuse
Catalog
Number
(With Striker)
14x51 (no striker)
14
51
14
-
-
22x58 (no striker)
22
58
16
-
-
14x51 (with striker)
14
51
14
7.5
3.8
22x58 (with striker)
22
58
16
7.5
3.8
FUSE SIZE
Dimensions in mm
AB
C
Dimensions for reference only.
DE
A
B
C
A
B
C
D
E
Contact Littelfuse for characteristic curves.
NEW




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA70QS150-4LA70QS Semiconductor Fuses 1 2 Littelfuse
CY10X38G.5Cylindrical Fuses 1 Littelfuse
OVLLB8C7Cylindrical High-Intensity Blue LED 5 mm 1 2 3 4 OPTEK Technologies
CCMRCCMR Series POWR-PRO CC Fuses 1 2 Littelfuse
191MINIATURE FUSES - 5x20 mm 1 2 Littelfuse
226Axial Lead and Cartridge Fuses - Designed to IEC Standard 1 Littelfuse
263Axial Lead and Cartridge Fuses - Subminiature 1 Littelfuse
325Axial Lead and Cartridge Fuses - Ceramic Body 1 Littelfuse
420SURFACE MOUNT FUSES 1 2 Littelfuse
482Blade Terminal & Special Purpose Fuses 1 2 Littelfuse

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl