Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBLVEP16VRMN Datasheet(PDF) 7 Page - ON Semiconductor

Part # NBLVEP16VRMN
Description  2.5V/3.3V/5V ECL Differential Receiver/Driver with Oscillator Gain Stage and Enabled High Gain Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBLVEP16VRMN Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NBLVEP16VRMN Datasheet HTML 3Page - ON Semiconductor NBLVEP16VRMN Datasheet HTML 4Page - ON Semiconductor NBLVEP16VRMN Datasheet HTML 5Page - ON Semiconductor NBLVEP16VRMN Datasheet HTML 6Page - ON Semiconductor NBLVEP16VRMN Datasheet HTML 7Page - ON Semiconductor NBLVEP16VRMN Datasheet HTML 8Page - ON Semiconductor NBLVEP16VRMN Datasheet HTML 9Page - ON Semiconductor NBLVEP16VRMN Datasheet HTML 10Page - ON Semiconductor NBLVEP16VRMN Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NBLVEP16VR
http://onsemi.com
7
DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 11)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current (Note 12)
30
41
48
30
43
48
35
45
54
mA
VOH
Output High Voltage (Note 13)
3840
4170
3840
4170
3840
4170
mV
VOL
Output Low Voltage (Note 13)
3120
3450
3120
3450
3120
3450
mV
VIH
Input High Voltage (Single−Ended)
(D, D, EN) (Note 14)
3775
4120
3775
4120
3775
4120
mV
VIL
Input Low Voltage (Single−Ended)
(D, D, EN) (Note 14)
3055
3375
3055
3375
3055
3375
mV
VBB
Output Voltage Reference
3490
3600
3730
3490
3600
3730
3490
3600
3730
mV
VIHCMR
Input High Voltage Common Mode Range
(Differential Configuration)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current (Note 14)
EN
150
150
150
mA
IIL
Input LOW Current (Note 14)
EN
0.5
0.5
0.5
mA
NOTE:
LVEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is
maintained.
11. Input and output parameters vary 1:1 with VCC.
12. VEEP and CS_SEL open.
13. QHG/QHG outputs loaded with 50
W to VCC − 2.0 V (VEEP = OPEN) Figure 11 or with optional current source (VEEP = VEE) Figure 12.
Q/Q outputs loaded with 8 mA current source (CS_SEL = VEE).
14. EN_SEL Open.
DC CHARACTERISTICS, NECL VCC = 0 V, VEE = −5.5V to −2.375 V (Note 15)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
(Note 16)
30
38
48
30
40
48
35
42
54
mA
VOH
Output High Voltage (Note 17)
−1160
−830
−1160
−830
−1160
−830
mV
VOL
Output Low Voltage (Note 17)
−1880
−1550
−1880
−1550
−1880
−1550
mV
VIH
Input High Voltage (Single−Ended)
(D, D, EN) (Notes 18, 19)
−3.3 V
VBB_ADJ = OPEN
−2.5 V
VBB_ADJ = VCC
−1225
−845
−880
−500
−1225
−845
−880
−500
−1225
−845
−880
−500
mV
VIL
Input Low Voltage (Single−Ended)
(D, D, EN) (Notes 18, 19)
−3.3 V
VBB_ADJ = OPEN
−2.5 V
VBB_ADJ = VCC
−1945
−1450
−1625
−1105
−1945
−1450
−1625
−1105
−1945
−1450
−1625
−1105
mV
VBB
Output Voltage Reference
−3.3 V or −5.2 V
VBB_ADJ = OPEN
−2.5 V (Note 19)
VBB_ADJ = VCC
−1510
−1080
−1400
−975
−1270
−870
−1510
−1080
−1400
−975
−1270
−870
−1510
−1080
−1400
−975
−1270
−870
mV
VIHCMR
Input High Voltage Common Mode
Range (Differential Configuration)
VEE v −5 V
VEE+1.2
VEE+2.0
0
VEE+1.2
VEE+2.0
0
VEE+1.2
VEE+2.0
0
V
V
IIH
Input HIGH Current (Note 18)
EN
150
150
150
mA
IIL
Input LOW Current (Note 18)
EN
0.5
0.5
0.5
mA
NOTE:
LVEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is
maintained.
15. Input and output parameters vary 1:1 with VCC.
16. VEEP and CS_SEL open.
17. QHG/QHG outputs loaded with 50
W to VCC − 2.0 V (VEEP = OPEN) Figure 11 or with optional current source (VEEP = VEE) Figure 12.
Q/Q outputs loaded with 8 mA current source (CS_SEL = VEE).
18. EN_SEL Open.
19. VBB_ADJ tied to VCC for −2.5 V single−ended operation.


Similar Part No. - NBLVEP16VRMN

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
NBL15602S KEMET-NBL15602S Datasheet
58Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL20602S KEMET-NBL20602S Datasheet
57Kb / 1P
   KEMET, NBL, Transducers, Single-layer
logo
Panasonic Battery Group
NBL414 PANASONICBATTERY-NBL414 Datasheet
26Kb / 1P
   Niobium-Lithium Rechargeable Batteries
logo
Kemet Corporation
NBL45282H-A3 KEMET-NBL45282H-A3 Datasheet
73Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL45402H-A KEMET-NBL45402H-A Datasheet
78Kb / 1P
   KEMET, NBL, Transducers, Single-layer
More results

Similar Description - NBLVEP16VRMN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC100EP16VB ONSEMI-MC100EP16VB Datasheet
151Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain
December, 2006 ??Rev. 4
MC100EP16VC ONSEMI-MC100EP16VC_06 Datasheet
156Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
December, 2006 ??Rev. 5
MC100EP16VC ONSEMI-MC100EP16VC Datasheet
72Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
September, 2003??Rev. 2
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com