Electronic Components Datasheet Search |
|
01110501N-ND Datasheet(PDF) 4 Page - Littelfuse |
|
01110501N-ND Datasheet(HTML) 4 Page - Littelfuse |
4 / 4 page Catalog Clip Amp Voltage Number Material Finish Style Rating Rating 0105 0003 Spring Brass Tin-plated Ear 15A 250VAC 0125 0003 Beryllium Copper Tin-plated Ear 30A 250VAC Fuse Blocks and Clips 491 www .littelfuse .com 14 Catalog Clip Number Material Finish Style 0111 0005MR Phosphor Tin-plated Ear Bronze Ammo Pack 1000 Pcs. 20mm (.787") 5mm (.197") 1.05mm (.041") DIA. 4 HOLES PCB MOUNTING HOLE SPECIPCATION 6mm (.236") 1mm (.039") 1.3mm (.051") ORDERING INFORMATION: For 5mm Diameter Fuses Automatic Insertion Type 2.1mm (.083") 4.7mm (.185") 7.8mm (.307") 2.6mm (.102") 1mm (.039") 5.3mm (.209") 3mm (.118") 12.7mm (.50") 5mm (.197") 6.35mm (.250") 18mm (.709") 9mm (.354") 4mm (.157") 18mm (.709") 16mm (.630") 0.6mm (.024") 12.7mm (.500") 1mm (.039") 0.5mm (.020") For Midget Fuses (13/32") PC Board Mount 2.1 (.083") 12.4 (.488") 03.45 (.136") / 11.1 (.437") 11.4 (.449") 22.2 (.874") 0.710 ± 0.005 (.028 ± .0002") 18.7 (.736") NOTE: #0111 005 phosphor bronze, tin-plated clips designed for automatic insertion are suitable for current levels up to 10 amperes. ELECTRICAL SPECIFICATIONS: 15A at 250VAC ORDERING INFORMATION: ® Pb RoHS Pb RoHS 14 |
Similar Part No. - 01110501N-ND |
|
Similar Description - 01110501N-ND |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |