Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG936BCP-R-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # ADG936BCP-R-REEL
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG936BCP-R-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG936BCP-R-REEL Datasheet HTML 5Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 6Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 7Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 8Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 9Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 10Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 11Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 12Page - Analog Devices ADG936BCP-R-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG936/ADG936-R
Rev. 0 | Page 9 of 16
TEST CIRCUITS
Similar setup for the ADG936. Additional pins omitted for clarity.
tON
50%
50%
90%
10%
VINx
VOUT
tOFF
10
µF
VS
INx
RFx
RFCx
RL
50
VOUT
GND
VDD
VDD
Figure 19. Switch Timing: tON, tOFF
VINx
VOUT
50%
50%
90%
90%
10%
10%
tFALL
tRISE
VDD
VDD
10
µF
VS
INx
RFx
RFCx
GND
RL
50
VOUT
Figure 20. Switch Timing: tRISE, tFALL
VS
NETWORK
ANALYZER
VINx
OFF ISOLATION = 20log
VOUT
VS
VDD
10
µF
VDD
50
VOUT
RL
50
ADG936-R
RF2x
RF1x
INx
RFC
GND
50
Figure 21. Off Isolation
VS
NETWORK
ANALYZER
VINx
INSERTION LOSS = 20log
VOUT
VS
VDD
10
µF
VDD
50
VOUT
RL
50
ADG936-R
RF2x
RF1x
INx
RFCx
GND
50
Figure 22. Insertion Loss
VS
NETWORK
ANALYZER
VINx
CROSSTALK = 20log
VOUT
VS
VDD
10
µF
VDD
50
VOUT
RL
50
ADG936-R
RF2x
RF1x
INx
RFCx
GND
50
Figure 23. Crosstalk
VINx
VDD
10
µF
VDD
ADG936-R
RF2x
RF1x
INx
RFCx
NC
NC
OSCILLOSCOPE
GND
Figure 24. Video Feedthrough


Similar Part No. - ADG936BCP-R-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
More results

Similar Description - ADG936BCP-R-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com