Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE39A Datasheet(PDF) 2 Page - Littelfuse

Part # P4KE39A
Description  Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P4KE39A Datasheet(HTML) 2 Page - Littelfuse

  P4KE39A Datasheet HTML 1Page - Littelfuse P4KE39A Datasheet HTML 2Page - Littelfuse P4KE39A Datasheet HTML 3Page - Littelfuse P4KE39A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Avalanche Diodes
283
www .littelfuse .com
6
400W Axial Leaded Transient Voltage Supressors
Part
Number
(Uni)
Part
Number
(Bi)
Breakdown
Voltage
VBR (Volts)
MIN.@ IT
Maximum
Reverse
Leakage
IR @ VRWM
(µA)
Maximum
Clamping
Voltage
VC @ IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
P4KE Series
ELECTRICAL SPECIFICATION @ Tamb 25°C
®
Reverse
Stand off
Voltage
VRWM
(Volts)
MIN
MAX
P4KE6.8A
P4KE6.8CA
5.80
6.45
7.14
10
10.5
39.00
1000
P4KE7.5A
P4KE7.5CA
6.40
7.13
7.88
10
11.3
36.30
500
P4KE8.2A
P4KE8.2CA
7.02
7.79
8.61
10
12.1
33.90
200
P4KE9.1A
P4KE9.1CA
7.78
8.65
9.55
1
13.4
30.60
50
P4KE10A
P4KE10CA
8.55
9.50
10.50
1
14.5
28.30
10
P4KE11A
P4KE11CA
9.40
10.50
11.60
1
15.6
26.30
5
P4KE12A
P4KE12CA
10.20
11.40
12.60
1
16.7
24.60
5
P4KE13A
P4KE13CA
11.10
12.40
13.70
1
18.2
22.50
5
P4KE15A
P4KE15CA
12.80
14.30
15.80
1
21.2
19.30
5
P4KE16A
P4KE16CA
13.60
15.20
16.80
1
22.5
18.20
5
P4KE18A
P4KE18CA
15.30
17.10
18.90
1
25.5
16.10
5
P4KE20A
P4KE20CA
17.10
19.00
21.00
1
27.7
14.80
5
P4KE22A
P4KE22CA
18.80
20.90
23.10
1
30.6
13.40
5
P4KE24A
P4KE24CA
20.50
22.80
25.20
1
33.2
12.30
5
P4KE27A
P4KE27CA
23.10
25.70
28.40
1
37.5
10.90
5
P4KE30A
P4KE30CA
25.60
28.50
31.50
1
41.4
9.90
5
P4KE33A
P4KE33CA
28.20
31.40
34.70
1
45.7
9.00
5
P4KE36A
P4KE36CA
30.80
34.20
37.80
1
49.9
8.20
5
P4KE39A
P4KE39CA
33.30
37.10
41.00
1
53.9
7.60
5
P4KE43A
P4KE43CA
36.80
40.90
45.20
1
59.3
6.90
5
P4KE47A
P4KE47CA
40.20
44.70
49.40
1
64.8
6.30
5
P4KE51A
P4KE51CA
43.60
48.50
53.60
1
70.1
5.80
5
P4KE56A
P4KE56CA
47.80
53.20
58.80
1
77.0
5.30
5
P4KE62A
P4KE62CA
53.00
58.90
65.10
1
85.0
4.80
5
P4KE68A
P4KE68CA
58.10
64.60
71.40
1
92.0
4.50
5
P4KE75A
P4KE75CA
64.10
71.30
78.80
1
103.0
4.00
5
P4KE82A
P4KE82CA
70.10
77.90
86.10
1
113.0
3.60
5
P4KE91A
P4KE91CA
77.80
86.50
95.50
1
125.0
3.30
5
P4KE100A
P4KE100CA
85.50
95.00
105.00
1
137.0
3.00
5
P4KE110A
P4KE110CA
94.00
105.00
116.00
1
152.0
2.70
5
P4KE120A
P4KE120CA
102.00
114.00
126.00
1
165.0
2.50
5
P4KE130A
P4KE130CA
111.00
124.00
137.00
1
179.0
2.30
5
P4KE150A
P4KE150CA
128.00
143.00
158.00
1
207.0
2.00
5
P4KE160A
P4KE160CA
136.00
152.00
168.00
1
219.0
1.90
5
P4KE170A
P4KE170CA
145.00
162.00
179.00
1
234.0
1.80
5
P4KE180A
P4KE180CA
154.00
171.00
189.00
1
246.0
1.70
5
P4KE200A
P4KE200CA
171.00
190.00
210.00
1
274.0
1.50
5
P4KE220A
P4KE220CA
185.00
209.00
231.00
1
328.0
1.30
5
P4KE250A
P4KE250CA
214.00
237.00
263.00
1
344.0
1.20
5
P4KE300A
P4KE300CA
256.00
285.00
315.00
1
414.0
1.00
5
P4KE350A
P4KE350CA
300.00
332.00
368.00
1
482.0
0.85
5
P4KE400A
P4KE400CA
342.00
380.00
420.00
1
548.0
0.75
5
P4KE440A
P4KE440CA
376.00
418.00
462.00
1
602.0
0.68
5
P4KE480A
P4KE480CA
408.00
456.00
504.00
1
658.0
0.61
5
P4KE510A
P4KE510CA
434.00
485.00
535.00
1
698.0
0.57
5
P4KE530A
P4KE530CA
450.00
503.50
556.50
1
725.0
0.55
5
P4KE540A
P4KE540CA
459.00
513.00
567.00
1
740.0
0.54
5
P4KE550A
P4KE550CA
467.00
522.50
577.50
1
760.0
0.52
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is ± 10%
Test
Current
IT (mA)
RoHS


Similar Part No. - P4KE39A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
P4KE39A DIOTECH-P4KE39A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4KE39A PANJIT-P4KE39A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE39A ZOWIE-P4KE39A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
P4KE39A RUILON-P4KE39A Datasheet
891Kb / 7P
   Transient Voltage Suppressors
logo
Diotec Semiconductor
P4KE39A DIOTEC-P4KE39A Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE39A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
SMAJ5.0A LITTELFUSE-SMAJ5.0A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P4SMA6.8A LITTELFUSE-P4SMA6.8A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   1500W Axial Leaded Transient Voltage Supressors
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
SUNMATE electronic Co.,...
P4KE6.8CA SUNMATE-P4KE6.8CA Datasheet
122Kb / 4P
   400W Axial Leaded Transient Voltage Suppressrs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com