Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADG936-REB Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-ADG936-REB
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG936-REB Datasheet(HTML) 5 Page - Analog Devices

  EVAL-ADG936-REB Datasheet HTML 1Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 2Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 3Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 4Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 5Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 6Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 7Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 8Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG936/ADG936-R
Rev. 0 | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
VDD
GND
RF1A
GND
GND
RF1B
GND
GND
INA
GND
RF2A
GND
GND
RF2B
GND
ADG936
ADG936-R
TOP VIEW
(Not to Scale)
RFCA
9
10
12
11
GND
RFCB
INB
GND
15
GND
14
RF2A
13
GND
12
GND
GND 1
RF1A 2
GND 3
GND 4
ADG936
ADG936-R
TOP VIEW
(Not to Scale)
11
RF2B
RF1B 5
Figure 5. 20-Lead TSSOP (RU-20)
Figure 6. 20-Lead 4 mm × 4 mm LFCSP (CP-20)
Table 4. Pin Function Descriptions
Pin No.
20-Lead
TSSOP
20-Lead
LFCSP
Mnemonic
Function
1
18
RFCA
Common RF Port for Switch A.
2
19
VDD
Power Supply Input. These parts can be operated from 1.65 V to 2.75 V. VDD should be
decoupled to GND.
3, 5, 6, 8, 9,
11,13, 15,
16, 18, 20
1, 3, 4, 6, 7,
9, 12,13, 15,
17, 20
GND
Ground Reference Point for All Circuitry on the Part.
4
2
RF1A
RF1A Port.
7
5
RF1B
RF1B Port.
10
8
RFCB
Common RF Port for Switch B.
12
10
INB
Logic Control Input.
14
11
RF2B
RF2B Port.
17
14
RF2A
RF2A Port.
19
16
INA
Logic Control Input.


Similar Part No. - EVAL-ADG936-REB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADG901EB AD-EVAL-ADG901EB Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
EVAL-ADG902EB AD-EVAL-ADG902EB Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
EVAL-ADG904-R AD-EVAL-ADG904-R_15 Datasheet
148Kb / 8P
   Evaluation Board for Wideband CMOS 4 1 Mux/SP4T
EVAL-ADG904EBZ AD-EVAL-ADG904EBZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
EVAL-ADG904REBZ AD-EVAL-ADG904REBZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
More results

Similar Description - EVAL-ADG936-REB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com