Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADG936-REB Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-ADG936-REB
Description  Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADG936-REB Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-ADG936-REB Datasheet HTML 4Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 5Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 6Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 7Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 8Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 9Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 10Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 11Page - Analog Devices EVAL-ADG936-REB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG936/ADG936-R
Rev. 0 | Page 8 of 16
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
0
–5
–10
–15
–20
–25
–30
VDD = 2.5V
TA = 25°C
OFF SWITCH
ON SWITCH
Figure 13. Return Loss vs. Frequency ( S11)
FREQUENCY (Hz)
10G
10k
100k
1M
10M
100M
1G
–10
–20
–30
–40
–50
–60
–70
–80
–90
VDD = 2.5V
TA = 25°C
Figure 14. Crosstalk vs. Frequency (S12 and S21)
T
[]
CH1
CH2
5.00ns
CH3
1.00V
100mV
100mV
1
3
TEK RUN: 5.00GS/s ET ENVELOPE
INx
RFx
Figure 15. Switch Timing
CH3 1.00mV
CH1 1.00V
20.0ns
∆ : 2.20mV
1
3
T
TEK RUN
[]
RFCx
INx
T
TRIG'D
Figure 16. Video Feedthrough
FREQUENCY (MHz)
900
100
200
300
400
500
600
700
800
35
30
25
20
15
10
5
0
VDD = 2.5V
TA = 25°C
Figure 17. IP3 vs. Frequency
FREQUENCY (MHz)
1500
0
250
500
750
1000
1250
18
14
16
12
10
6
8
2
4
0
VDD = 2.5V
TA = 25°C
Figure 18. P–1 dB vs. Frequency


Similar Part No. - EVAL-ADG936-REB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADG901EB AD-EVAL-ADG901EB Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
EVAL-ADG902EB AD-EVAL-ADG902EB Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
EVAL-ADG904-R AD-EVAL-ADG904-R_15 Datasheet
148Kb / 8P
   Evaluation Board for Wideband CMOS 4 1 Mux/SP4T
EVAL-ADG904EBZ AD-EVAL-ADG904EBZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
EVAL-ADG904REBZ AD-EVAL-ADG904REBZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
More results

Similar Description - EVAL-ADG936-REB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG901 AD-ADG901_05 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG936 AD-ADG936_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG936R AD-ADG936R_15 Datasheet
524Kb / 17P
   CMOS, 1.65 V to 2.75 V, Dual SPDT
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904BRUZ AD-ADG904BRUZ Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com