Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2006D8 Datasheet(PDF) 3 Page - Littelfuse

Part # L2006D8
Description  Sensitive Triacs (0.8 A to 8 A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L2006D8 Datasheet(HTML) 3 Page - Littelfuse

  L2006D8 Datasheet HTML 1Page - Littelfuse L2006D8 Datasheet HTML 2Page - Littelfuse L2006D8 Datasheet HTML 3Page - Littelfuse L2006D8 Datasheet HTML 4Page - Littelfuse L2006D8 Datasheet HTML 5Page - Littelfuse L2006D8 Datasheet HTML 6Page - Littelfuse L2006D8 Datasheet HTML 7Page - Littelfuse L2006D8 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheets
Sensitive Triacs
©2004 Littelfuse, Inc.
E1 - 3
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
See “General Notes” on page E1 - 4 and “Electrical Specification Notes” on page E1 - 5.
VTM
VGT
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (4)
Volts
(2) (5) (15)
Volts
(1) (7)
mAmps
(13)
Amps
(13)
Watts
Watts
(8) (10)
Amps
(1) (10)
Volts/µSec
(1)
Volts/
µSec
(9)
µSec
Amps2Sec
Amps/µSec
TC =
25
°C
TC =
25
°C60/50 Hz
TC =
100 °C
MAX
MAX
MAX
TYP
TYP
TYP
1.6
2
5
1
10
0.2
10/8.3
0.5
20
2.8
0.41
20
1.6
2
5
1
10
0.2
10/8.3
0.5
15
2.8
0.41
20
1.6
2
5
1
10
0.2
10/8.3
0.5
10
2.8
0.41
20
1.6
2
10
1
10
0.2
10/8.3
1
20
3
0.41
20
1.6
2
10
1
10
0.2
10/8.3
1
15
3
0.41
20
1.6
2
10
1
10
0.2
10/8.3
1
10
3
0.41
20
1.6
2
10
1
10
0.2
10/8.3
1
30
3
0.41
20
1.6
2
10
1
10
0.2
10/8.3
1
25
3
0.41
20
1.6
2
10
1
10
0.2
10/8.3
1
20
3
0.41
20
1.6
2
15
1
10
0.2
10/8.3
2
35
3.2
0.41
20
1.6
2
15
1
10
0.2
10/8.3
2
30
3.2
0.41
20
1.6
2
15
1
10
0.2
10/8.3
2
25
3.2
0.41
20
1.6
25110
0.2
20/16.7
0.5
20
2.8
1.6
20
1.6
25110
0.2
20/16.7
0.5
20
2.8
1.6
20
1.6
25110
0.2
20/16.7
0.5
10
2.8
1.6
20
1.6
2
10
1
10
0.2
20/16.7
1
20
3
1.6
20
1.6
2
10
1
10
0.2
20/16.7
1
20
3
1.6
20
1.6
2
10
1
10
0.2
20/16.7
1
10
3
1.6
20
1.6
2
10
1
10
0.2
20/16.7
1
30
3
1.6
20
1.6
2
10
1
10
0.2
20/16.7
1
30
3
1.6
20
1.6
2
10
1
10
0.2
20/16.7
1
20
3
1.6
20
1.6
2
15
1
10
0.2
20/16.7
1
35
3.2
1.6
20
1.6
2
15
1
10
0.2
20/16.7
1
35
3.2
1.6
20
1.6
2
15
1
10
0.2
20/16.7
1
25
3.2
1.6
20
1.6
2
5
1.2
15
0.3
40/33
0.5
25
2.8
6.6
50
1.6
2
5
1.2
15
0.3
40/33
0.5
25
2.8
6.6
50
1.6
2
5
1.2
15
0.3
40/33
0.5
15
2.8
6.6
50
1.6
2
10
1.2
15
0.3
40/33
1
25
3
6.6
50
1.6
2
10
1.2
15
0.3
40/33
1
25
3
6.6
50
1.6
2
10
1.2
15
0.3
40/33
1
15
3
6.6
50
1.6
2
10
1.2
15
0.3
40/33
1
30
3
6.6
50
1.6
2
10
1.2
15
0.3
40/33
1
30
3
6.6
50
1.6
2
10
1.2
15
0.3
40/33
1
20
3
6.6
50
1.6
2
15
1.2
15
0.3
40/33
2
35
3.2
6.6
50
1.6
2
15
1.2
15
0.3
40/33
2
35
3.2
6.6
50
1.6
2
15
1.2
15
0.3
40/33
2
25
3.2
6.6
50


Similar Part No. - L2006D8

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
L2006D8 TECCOR-L2006D8 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
L2006D8 TECCOR-L2006D8 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L2006D8 LITTELFUSE-L2006D8 Datasheet
176Kb / 8P
   Sensitive Triacs
L2006D8 LITTELFUSE-L2006D8 Datasheet
176Kb / 8P
   RoHS Compliant
More results

Similar Description - L2006D8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
STMicroelectronics
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
   High temperature 8 A sensitive TRIACs
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
   0.8 A sensitive gate SCR
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com