Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1383BPE5TR Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1383BPE5TR
Description  3A TERMINATION REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1383BPE5TR Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1383BPE5TR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1383BPE5TR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1383BPE5TR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1383BPE5TR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1383BPE5TR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1383BPE5TR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1383BPE5TR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1383BPE5TR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1383BPE5TR Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AIC1383B
3A Termination Regulator
Analog Integrations Corporation
Si-Soft Research Center
DS-1383BP-03 010405
3A1, No.1, Li-Hsin Rd. I, Science Park, Hsinchu 300, Taiwan, R.O.C.
FEATURES
3A Source and Sink Current Ability
Support DDR1 (1.25VTT) and DDR2 (0.9VTT)
Requirements
Low Output Voltage Offset,
±20mV
High Accuracy Output Voltage at Full-Load
Adjustable VOUT by External Resistor
Low External Component Count
Current Limit protection
Thermal Protection
SOP-8, TO-252 and TO-263 Packages
APPLICATIONS
Mother Board
Graphic Cards
DDR Termination Voltage Supply
DESCRIPTION
AIC1383B linear regulator is designed to
achieve 3A source and sink current while
regulating an output voltage to within 45mV.
AIC1383B converts voltage supplies range
from 1.6V to 6V into an output voltage that
adjusts by two external voltage divider
resistors. It provides an excellent voltage
source for active termination schemes of high-
speed transmission lines as those seen in
high-speed memory buses, and it meets the
JEDEC SSTL-2 and SSTL-3 specifications for
termination of DDR-SRAM.
Built-in current limiting in source and sink
mode,
with
thermal
shutdown
provide
maximal protection to the AIC1383B against
fault conditions.
TYPICAL APPLICATION CIRCUIT
+
COUT
220
µF
+
CIN
470
µF
+
CCNTL
47
µF
R1
100K
R2
100K
VIN=2.5V
VIN
1
GND
2
VCNTL
3
VOUT
5
VREF
4
AIC1383B
CES7002A
EN
C1
100pF
VOUT
VCNTL=3.3V
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1


Similar Part No. - AIC1383BPE5TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIC1383 ETC-AIC1383 Datasheet
473Kb / 7P
   1.5 TERMINATION REGULATOR
AIC1383CSTR ETC-AIC1383CSTR Datasheet
473Kb / 7P
   1.5 TERMINATION REGULATOR
AIC1383PSTR ETC-AIC1383PSTR Datasheet
473Kb / 7P
   1.5 TERMINATION REGULATOR
More results

Similar Description - AIC1383BPE5TR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
   3A BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331 Datasheet
230Kb / 20P
   3A Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com