Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX9820ASM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX9820ASM Datasheet HTML 5Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 6Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 7Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 8Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 9Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 10Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 11Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 12Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Revision 1.0
9
www.national.com
6.0 Electrical Specifications (Continued)
Note: The voltage regulators are optimized for the internal
operation of the LMX9820A. Because any noise coupled
into these supplies can have influence on the radio perfor-
mance, it is highly recommended to have no additional
load on their outputs.
6.2 DC CHARACTERISTICS
Table 12. Power Supply Requirements1
Symbol
Parameter
Min
Typ2
Max
Unit
ICC-TX
Power supply current for continuous transmit
68
mA
ICC-RX
Power supply current for continuous receive
62
mA
ICC-Inq
Inquiry
31
mA
IRXSL
Receive Data in SPP Link, slave 3,4
23
mA
IRXM
Receive Data in SPP Link, master 3,4
18
mA
IHV3
Active HV3 SCO Audio Link
22
mA
ISnM
Sniff Mode, sniff interval 1 second 3
8mA
ISC-TLDIS
Scanning, no active link, TL disabled 3,5
2.5
mA
IIdle
Idle, scanning disabled, TL disabled 3,5
0.15
mA
1.
Power supply requirements based on Class II output power.
2.
VCC = 3.3V, IOVCC = 3.3V, Ambient Temperature = +25°C.
3.
Average values.
4.
Based on UART Baudrate 115.2kbit/s.
5.
TL: Transport Layer
Table 13. Digital DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
VCC1
Core Logic Supply Voltage
2.85
3.6
V
IOVCC2
IO Supply Voltage
2.85
3.6
V
VIH
Logical 1 Input Voltage
0.7 x
VDD_ANA
VDD_ANA +
0.5
V
VIL
Logical 0 Input Voltage
-0.5
0.2 x
VDD_ANA
V
VHYS
Hysteresis Loop Width3
0.1 x
VDD_ANA
V
IOH
Logical 1 Output Current
VDD_ANA = 2.8V
-1.6
mA
IOL
Logical 0 Output Current
VDD_ANA = 2.8V
1.6
mA
IOHW
Weak Pull-up Current
VDD_ANA = 2.8V
-10
µA
IIH
High-level Input Current
VIH = VDD_ANA = 2.8V
- 10
10
µA
IIL
Low-level Input Current
VIL = 0
- 10
10
µA
IL
High Impedance Input Leakage
Current
0V
≤ V
IN ≤ VDD_ANA
-2.0
2.0
µA
IO(Off)
Output Leakage Current (I/O pins in
input mode)
0V
≤ V
OUT ≤ VDD_DIG
-2.0
2.0
µA
1.
VCC internally regulated to VDD_ANA (see Table 11)
2.
IOVCC internally regulated to VDD_DIG (see Table 11)
3.
Guaranteed by design.


Similar Part No. - LMX9820ASM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9820 NSC-LMX9820 Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
LMX9820SB NSC-LMX9820SB Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
LMX9820SBX NSC-LMX9820SBX Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
More results

Similar Description - LMX9820ASM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9820 NSC-LMX9820 Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
logo
Texas Instruments
LMX9838SB TI-LMX9838SB Datasheet
1Mb / 38P
[Old version datasheet]   Bluetooth Serial Port Module
logo
National Semiconductor ...
LMX9838 NSC-LMX9838 Datasheet
1Mb / 26P
   Bluetooth Serial Port Module
logo
List of Unclassifed Man...
HC-05 ETC-HC-05 Datasheet
812Kb / 13P
   Bluetooth to Serial Port Module
06.18.2010
logo
Texas Instruments
LMX9838 TI1-LMX9838 Datasheet
688Kb / 42P
[Old version datasheet]   LMX9838 Bluetooth Serial Port Module
logo
List of Unclassifed Man...
ESD100 ETC-ESD100 Datasheet
921Kb / 2P
   Bluetooth-serial Module
ESD100V2 ETC-ESD100V2 Datasheet
501Kb / 2P
   Bluetooth-serial Module
PARANI-BCD210 ETC-PARANI-BCD210 Datasheet
1Mb / 25P
   Bluetooth-serial Module
ESD1000 ETC2-ESD1000 Datasheet
395Kb / 2P
   OEM Bluetooth-Serial Module
SD200 ETC-SD200 Datasheet
536Kb / 2P
   Bluetooth-serial adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com