Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX9820ASMX Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASMX
Description  Bluetooth Serial Port Module
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASMX Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX9820ASMX Datasheet HTML 4Page - National Semiconductor (TI) LMX9820ASMX Datasheet HTML 5Page - National Semiconductor (TI) LMX9820ASMX Datasheet HTML 6Page - National Semiconductor (TI) LMX9820ASMX Datasheet HTML 7Page - National Semiconductor (TI) LMX9820ASMX Datasheet HTML 8Page - National Semiconductor (TI) LMX9820ASMX Datasheet HTML 9Page - National Semiconductor (TI) LMX9820ASMX Datasheet HTML 10Page - National Semiconductor (TI) LMX9820ASMX Datasheet HTML 11Page - National Semiconductor (TI) LMX9820ASMX Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
www.national.com
8
Revision 1.0
6.0 Electrical Specifications
6.1 GENERAL SPECIFICATIONS
Absolute Maximum Ratings (see Table 9) indicate limits
beyond which damage to the device may occur. Operating
Ratings (see Table 10) indicate conditions for which the
device is intended to be functional.
This device is a high performance RF integrated circuit and
is ESD sensitive. Handling and assembly of this device
should be performed at ESD free workstations.
The following conditions apply unless otherwise stated in
the tables below:
• TA = -40°C to +85°C
• VCC = 3.3V, IOVCC = 3.3V
• RF system performance specifications are guaranteed
on National Semiconductor Austin Board rev1.0b refer-
ence design platform.
Table 9. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
VCC
Core Logic Power Supply Voltage
-0.3
4.0
V
IOVCC
I/O Power Supply Voltage
-0.3
4.0
V
USB_VCC1
USB Power Supply Voltage
-0.5
3.63
V
VI
Voltage on any pad with GND = 0V
-0.5
3.6
V
PinRF
RF Input Power
+15
dBm
TS
Storage Temperature Range
-65
+125
oC
TL
Lead Temperature (solder 4 sec)
+235
oC
ESD-HBM
ESD, Human Body Model
2000 2
V
ESD-MM
ESD, Machine Model
200
V
1.
USB Interface not supported by LMX9820A firmware. Treat as no connect. Pad required for mechanical stability.
2.
Antenna pin passes 1500V HBM.
Table 10. Recommended Operating Conditions1
Symbol
Parameter
Min
Typ2
Max
Unit
VCC3
Module Power Supply Voltage
2.85
3.3
3.6
V
IOVCC4
I/O Power Supply Voltage
2.85
3.3
3.6
V
tR
Module Power Supply Rise Time
50
ms
TO
Operating Temperature Range
-40
+85
°C
HUMOP
Humidity (operating, across operating
temperature range)
10
90
%
HUMNONOP Humidity (non-operating, 38.7oC web bulb
temperature)
595
%
1.
Maximum voltage difference allowed between VCC and IOVCC is 500 mV.
2.
Typical operating conditions are VCC = 3.3V, IOVCC = 3.3V operating voltage and 25°C ambient temperature.
3.
VCC internally regulated to VDD_ANA (see Table 11)
4.
IOVCC internally regulated to VDD_DIG (see Table 11)
Table 11. Power Supply Electrical Specifications (Analog and Digital LDOs)
Symbol
Parameter
Min
Typ1
Max
Unit
VDD_ANA_OUT2
Analog Voltage Output Range
2.8
V
VDD_DIG_OUT3
Digital Voltage Output Range
2.5
V
1.
Typical operating conditions are VCC = 3.3V, IOVCC = 3.3V operating voltage and 25°C ambient temperature. Values
reflect voltages of internally generated, regulated voltages VDD_ANA and VDD_DIG
2.
Output of internally generated regulated voltage VDD_ANA
3.
Output of internally generated regulated voltage VDD_DIG


Similar Part No. - LMX9820ASMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9820 NSC-LMX9820 Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
LMX9820SB NSC-LMX9820SB Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
LMX9820SBX NSC-LMX9820SBX Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
More results

Similar Description - LMX9820ASMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX9820 NSC-LMX9820 Datasheet
567Kb / 40P
   Bluetooth Serial Port Module
logo
Texas Instruments
LMX9838SB TI-LMX9838SB Datasheet
1Mb / 38P
[Old version datasheet]   Bluetooth Serial Port Module
logo
National Semiconductor ...
LMX9838 NSC-LMX9838 Datasheet
1Mb / 26P
   Bluetooth Serial Port Module
logo
List of Unclassifed Man...
HC-05 ETC-HC-05 Datasheet
812Kb / 13P
   Bluetooth to Serial Port Module
06.18.2010
logo
Texas Instruments
LMX9838 TI1-LMX9838 Datasheet
688Kb / 42P
[Old version datasheet]   LMX9838 Bluetooth Serial Port Module
logo
List of Unclassifed Man...
ESD100 ETC-ESD100 Datasheet
921Kb / 2P
   Bluetooth-serial Module
ESD100V2 ETC-ESD100V2 Datasheet
501Kb / 2P
   Bluetooth-serial Module
PARANI-BCD210 ETC-PARANI-BCD210 Datasheet
1Mb / 25P
   Bluetooth-serial Module
ESD1000 ETC2-ESD1000 Datasheet
395Kb / 2P
   OEM Bluetooth-Serial Module
SD200 ETC-SD200 Datasheet
536Kb / 2P
   Bluetooth-serial adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com