Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q2004D3 Datasheet(PDF) 6 Page - Littelfuse

Part # Q2004D3
Description  Triacs (0.8 A to 35 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q2004D3 Datasheet(HTML) 6 Page - Littelfuse

Back Button Q2004D3 Datasheet HTML 2Page - Littelfuse Q2004D3 Datasheet HTML 3Page - Littelfuse Q2004D3 Datasheet HTML 4Page - Littelfuse Q2004D3 Datasheet HTML 5Page - Littelfuse Q2004D3 Datasheet HTML 6Page - Littelfuse Q2004D3 Datasheet HTML 7Page - Littelfuse Q2004D3 Datasheet HTML 8Page - Littelfuse Q2004D3 Datasheet HTML 9Page - Littelfuse Q2004D3 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Triacs
Data Sheets
http://www.littelfuse.com
E2 - 6
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
In all cases, if maximum surge capability is required, pulses
should be a minimum of one magnitude above IGT rating with a
steep rising waveform (
≤1 µs rise time).
Definition of Quadrants
Electrical Isolation
Teccor’s isolated triac packages will withstand a minimum high
potential test of 2500 V ac rms from leads to mounting tab or
base, over the operating temperature range of the device. The
following isolation table shows standard and optional isolation
ratings.
* UL Recognized File E71639
** For 4000 V isolation, use V suffix in part number.
* Mounted on 1 cm2 copper foil surface; two-ounce copper foil
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-
Electrical Isolation
from Leads to Mounting Tab *
VAC RMS
TO-220
Isolated
Fastpak
Isolated
2500
Standard
Standard
4000
Optional **
N/A
Thermal Resistance (Steady State)
R θ JC [R θ JA] (TYP.) °C/W
Package Code
PE
C
F
F2
L
R
D
V
N
Type
TO-3
Fastpak
TO-92
Compak
TO-202
Type 1
TO-202
Type 2
TO-220
Isolated
TO-220
Non-isolated
TO-252
D-Pak
TO-251
V-Pak
TO-263
D2Pak
0.8 A
60 [135]
60 *
1 A
50 [95]
40 *
4A
3.5 [45]
6 [70]
3.6 [50]
3.5
6.0 [70]
6 A
3.8
3.3
1.8 [45]
1.8
8A
3.3
2.8
1.5
1.5
10 A
3.5
2.6
1.3
1.3
15 A
2.1
1.1
1.1
25 A
1.6
0.89
0.89
35 A
1.5


Similar Part No. - Q2004D3

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
Q2004D3 NJSEMI-Q2004D3 Datasheet
511Kb / 5P
   RoHS Compliant
More results

Similar Description - Q2004D3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
logo
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
   0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
   Internally Triggered Triacs (4 A to 15 A)
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
   1 A Triacs
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com