Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4008R Datasheet(PDF) 10 Page - Littelfuse

Part # S4008R
Description  SCRs (1 A to 70 A)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4008R Datasheet(HTML) 10 Page - Littelfuse

Back Button S4008R Datasheet HTML 4Page - Littelfuse S4008R Datasheet HTML 5Page - Littelfuse S4008R Datasheet HTML 6Page - Littelfuse S4008R Datasheet HTML 7Page - Littelfuse S4008R Datasheet HTML 8Page - Littelfuse S4008R Datasheet HTML 9Page - Littelfuse S4008R Datasheet HTML 10Page - Littelfuse S4008R Datasheet HTML 11Page - Littelfuse S4008R Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SCRs
Data Sheets
http://www.littelfuse.com
E6 - 10
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Figure E6.19 Instantaneous On-state Current versus On-state Voltage
(Typical) (6 A through 25 A)
Figure E6.20 Instantaneous On-state Current versus On-state Voltage
(Typical) (35 A through 70 A)
Figure E6.21 Normalized DC Gate-trigger Voltage versus
Case Temperature
Figure E6.22 Typical Turn-on Time versus Gate-trigger Current
0
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
70
80
90
Instantaneous On-state Voltage (vT) – Volts
TC = 25˚C
12 A Devices
15 A to 20 A Devices
1 A Devices
6 A to 10 A Devices
25 A Devices
0
.6
.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
120
140
160
180
200
Instantaneous On-state Voltage (v
T) – Volts
T
C = 25˚C
65 A and 70 A Devices
55 A Devices
35 A to 40 A Devices
-40
-15
+25
+65
+105 +125
0
0.5
1.0
1.5
Case Temperature (TC) – ˚C
10
20
30
40
50 60
80
100
200
1
2
3
4
5
6
7
0
DC Gate Trigger Current (I
GT) – mA
6 A to 12 A Devices
1 A Devices
40 A to 70 A Devices
15 A to 35 A Devices
T
C = 25˚C


Similar Part No. - S4008R

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S4008R TECCOR-S4008R Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
S4008R TECCOR-S4008R Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S4008R LITTELFUSE-S4008R Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
S4008R LITTELFUSE-S4008R Datasheet
218Kb / 12P
   RoHS Compliant
logo
List of Unclassifed Man...
S4008R ETC2-S4008R Datasheet
218Kb / 12P
   RoHS Compliant
More results

Similar Description - S4008R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
Teccor Electronics
S031E TECCOR-S031E Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
logo
Microsemi Corporation
AA100 MICROSEMI-AA100 Datasheet
128Kb / 3P
   SCRs .5 A, Planar
logo
STMicroelectronics
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
   Standard 25 A SCRs
August 2014 Rev 9
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
   16 A standard SCRs
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
logo
STMicroelectronics
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com