Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA100CA Datasheet(PDF) 2 Page - Littelfuse

Part # P4SMA100CA
Description  Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P4SMA100CA Datasheet(HTML) 2 Page - Littelfuse

  P4SMA100CA Datasheet HTML 1Page - Littelfuse P4SMA100CA Datasheet HTML 2Page - Littelfuse P4SMA100CA Datasheet HTML 3Page - Littelfuse P4SMA100CA Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Silicon Avalanche Diodes
259
www .littelfuse .com
6
400W Surface Mount Transient Voltage Supressors
Part
Number
(Uni)
Part
Number
(Bi)
Device Marking
Code
Breakdown
Voltage
VBR (Volts) @ IT
Maximum
Reverse
Leakage
IR @ VR
(µA)
Maximum
Clamping
Voltage
VC @ IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
ELECTRICAL SPECIFICATION @ Tamb 25°C
P4SMA6.8A
P4SMA6.8CA
6V8A
6V8C
5.80
6.45
7.14
10
10.5
39.0
1000
P4SMA7.5A
P4SMA7.5CA
7V5A
7V5C
6.40
7.13
7.88
10
11.3
36.3
500
P4SMA8.2A
P4SMA8.2CA
8V2A
8V2C
7.02
7.79
8.61
10
12.1
33.9
200
P4SMA9.1A
P4SMA9.1CA
9V1A
9V1C
7.78
8.65
9.55
1
13.4
30.6
50
P4SMA10A
P4SMA10CA
10A
10C
8.55
9.50
10.50
1
14.5
28.3
10
P4SMA11A
P4SMA11CA
11A
11C
9.40
10.50
11.60
1
15.6
26.3
5
P4SMA12A
P4SMA12CA
12A
12C
10.20
11.40
12.60
1
16.7
24.6
5
P4SMA13A
P4SMA13CA
13A
13C
11.10
12.40
13.70
1
18.2
22.5
5
P4SMA15A
P4SMA15CA
15A
15C
12.80
14.30
15.80
1
21.2
19.3
5
P4SMA16A
P4SMA16CA
16A
16C
13.60
15.20
16.80
1
22.5
18.2
5
P4SMA18A
P4SMA18CA
18A
18C
15.30
17.10
18.90
1
25.5
16.1
5
P4SMA20A
P4SMA20CA
20A
20C
17.10
19.00
21.00
1
27.7
14.8
5
P4SMA22A
P4SMA22CA
22A
22C
18.80
20.90
23.10
1
30.6
13.4
5
P4SMA24A
P4SMA24CA
24A
24C
20.50
22.80
25.20
1
33.2
12.3
5
P4SMA27A
P4SMA27CA
27A
27C
23.10
25.70
28.40
1
37.5
10.9
5
P4SMA30A
P4SMA30CA
30A
30C
25.60
28.50
31.50
1
41.4
9.9
5
P4SMA33A
P4SMA33CA
33A
33C
28.20
31.40
34.70
1
45.7
9.0
5
P4SMA36A
P4SMA36CA
36A
36C
30.80
34.20
37.80
1
49.9
8.2
5
P4SMA39A
P4SMA39CA
39A
39C
33.30
37.10
41.00
1
53.9
7.6
5
P4SMA43A
P4SMA43CA
43A
43C
36.80
40.90
45.20
1
59.3
6.9
5
P4SMA47A
P4SMA47CA
47A
47C
40.20
44.70
49.40
1
64.8
6.3
5
P4SMA51A
P4SMA51CA
51A
51C
43.60
48.50
53.60
1
70.1
5.8
5
P4SMA56A
P4SMA56CA
56A
56C
47.80
53.20
58.80
1
77.0
5.3
5
P4SMA62A
P4SMA62CA
62A
62C
53.00
58.90
65.10
1
85.0
4.8
5
P4SMA68A
P4SMA68CA
68A
68C
58.10
64.60
71.40
1
92.0
4.5
5
P4SMA75A
P4SMA75CA
75A
75C
64.10
71.30
78.80
1
103.0
4.0
5
P4SMA82A
P4SMA82CA
82A
82C
70.10
77.90
86.10
1
113.0
3.6
5
P4SMA91A
P4SMA91CA
91A
91C
77.80
86.50
95.50
1
125.0
3.3
5
P4SMA100A
P4SMA100CA
100A
100C
85.50
95.00
105.00
1
137.0
3.0
5
P4SMA110A
P4SMA110CA
110A
110C
94.00
105.00
116.00
1
152.0
2.7
5
P4SMA120A
P4SMA120CA
120A
120C
102.00
114.00
126.00
1
165.0
2.5
5
P4SMA130A
P4SMA130CA
130A
130C
111.00
124.00
137.00
1
179.0
2.3
5
P4SMA150A
P4SMA150CA
150A
150C
128.00
143.00
158.00
1
207.0
2.0
5
P4SMA160A
P4SMA160CA
160A
160C
136.00
152.00
168.00
1
219.0
1.9
5
P4SMA170A
P4SMA170CA
170A
170C
145.00
162.00
179.00
1
234.0
1.8
5
P4SMA180A
P4SMA180CA
180A
180C
154.00
171.00
189.00
1
246.0
1.7
5
P4SMA200A
P4SMA200CA
200A
200C
171.00
190.00
210.00
1
274.0
1.5
5
P4SMA220A
P4SMA220CA
220A
220C
185.00
209.00
231.00
1
328.0
1.3
5
P4SMA250A
P4SMA250CA
250A
250C
214.00
237.00
263.00
1
344.0
1.2
5
P4SMA300A
P4SMA300CA
300A
300C
256.00
285.00
315.00
1
414.0
1.0
5
P4SMA350A
P4SMA350CA
350A
350C
300.00
332.00
368.00
1
482.0
0.9
5
P4SMA400A
P4SMA400CA
400A
400C
342.00
380.00
420.00
1
548.0
0.8
5
P4SMA440A
P4SMA440CA
440A
440C
376.00
418.00
462.00
1
602.0
0.7
5
P4SMA480A
P4SMA480CA
480A
480C
408.00
456.00
504.00
1
658.0
0.6
5
P4SMA510A
P4SMA510CA
510A
510C
434.00
485.00
535.00
1
698.0
0.6
5
P4SMA530A
P4SMA530CA
530A
530C
477.00
503.50
556.50
1
725.0
0.6
5
P4SMA540A
P4SMA540CA
540A
540C
459.00
513.00
567.00
1
740.0
0.5
5
P4SMA550A
P4SMA550CA
550A
550C
495.00
522.50
577.50
1
760.0
0.5
5
Reverse
Stand off
Voltage
VR
(Volts)
UNI
BI
MIN
MAX
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
The avaliable parts are "A" type only, the parts without A (VBR is ± 10%) is not avaliable.
Test
Current
IT (mA)
P4SMA Series
RoHS


Similar Part No. - P4SMA100CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA100CA WTE-P4SMA100CA Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
P4SMA100CA SOCAY-P4SMA100CA Datasheet
580Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Taiwan Semiconductor Co...
P4SMA100CA TSC-P4SMA100CA Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Littelfuse
P4SMA100CA LITTELFUSE-P4SMA100CA Datasheet
1Mb / 6P
   P4SMA Series
logo
Pan Jit International I...
P4SMA100CA PANJIT-P4SMA100CA Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMA100CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ5.0A LITTELFUSE-SMAJ5.0A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
1KSMBJ LITTELFUSE-1KSMBJ Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com