Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G04 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHC1G04
Description  Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G04 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHC1G04 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G04 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G04 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G04 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G04 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G04 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G04 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G04 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
November, 1999 – Rev. 1
1
Publication Order Number:
MC74VHC1G04/D
MC74VHC1G04
Inverter
The MC74VHC1G04 is an advanced high speed CMOS inverter
fabricated with silicon gate CMOS technology. It achieves high speed
operation similar to equivalent Bipolar Schottky TTL while
maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output.
The MC74VHC1G04 input structure provides protection when
voltages up to 7V are applied, regardless of the supply voltage. This
allows the MC74VHC1G04 to be used to interface 5V circuits to 3V
circuits.
High Speed: tPD = 3.5ns (Typ) at VCC = 5V
Low Power Dissipation: ICC = 2µA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300mA
ESD Performance: HBM > 1500V; MM > 200V
Figure 1. 5–Lead SOT–353 Pinout (Top View)
5
1
2
4
3
VCC
NC
IN A
OUT Y
GND
LOGIC SYMBOL
IN A
OUT Y
1
SC–88A / SOT–353
DF SUFFIX
CASE 419A
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
http://onsemi.com
Pin 1
d = Date Code
V5d
4
5
VCC
OUT Y
FUNCTION TABLE
MARKING DIAGRAM
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
L
H
A Input
Y Output
H
L


Similar Part No. - MC74VHC1G04

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MC74VHC1G04 LRC-MC74VHC1G04 Datasheet
200Kb / 4P
   Inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
MC74VHC1G04 ONSEMI-MC74VHC1G04 Datasheet
121Kb / 6P
   Single Inverter
September, 2013 ??Rev. 16
MC74VHC1G04 ONSEMI-MC74VHC1G04 Datasheet
206Kb / 15P
   Single Inverter
November, 2018 ??Rev. 17
MC74VHC1G04 ONSEMI-MC74VHC1G04 Datasheet
141Kb / 16P
   Single Inverter
March, 2022 ??Rev. 21
More results

Similar Description - MC74VHC1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com