Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM71C4403CT-80 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # GM71C4403CT-80
Description  1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

GM71C4403CT-80 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  GM71C4403CT-80 Datasheet HTML 1Page - LG Semicon Co.,Ltd. GM71C4403CT-80 Datasheet HTML 2Page - LG Semicon Co.,Ltd. GM71C4403CT-80 Datasheet HTML 3Page - LG Semicon Co.,Ltd. GM71C4403CT-80 Datasheet HTML 4Page - LG Semicon Co.,Ltd. GM71C4403CT-80 Datasheet HTML 5Page - LG Semicon Co.,Ltd. GM71C4403CT-80 Datasheet HTML 6Page - LG Semicon Co.,Ltd. GM71C4403CT-80 Datasheet HTML 7Page - LG Semicon Co.,Ltd. GM71C4403CT-80 Datasheet HTML 8Page - LG Semicon Co.,Ltd. GM71C4403CT-80 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LG Semicon
GM71C4403C
4
Read, Write, Read-Modify-Write and Refresh Cycles (Common Parameters)
Symbol
Parameter
Note
Max
Unit
Min
Max
Min
Max
Min
tRC
Random Read or Write Cycle Time
104
-
124
-
144
-
ns
tRP
RAS Precharge Time
40
-
50
-
60
-
ns
tRAS
RAS Pulse Width
60 10,000
70
10,000
80 10,000
ns
tCAS
CAS Pulse Width
10 10,000
10,000
10,000
ns
13
15
tASR
Row Address Set-up Time
0
-
-
-
ns
0
0
tRAH
Row Address Hold Time
10
-
-
-
ns
10
tASC
Column Address Set-up Time
0
-
-
-
ns
0
0
tCAH
Column Address Hold Time
10
-
-
-
ns
13
15
tRCD
RAS to CAS Delay Time
20
45
52
60
ns
20
20
8
tRAD
RAS to Column Address Delay Time
15
30
35
40
ns
15
15
9
tRSH
RAS Hold Time
15
-
-
-
ns
18
20
tCSH
CAS Hold Time
48
-
-
-
ns
58
68
tCRP
CAS to RAS Precharge Time
10
-
-
-
ns
10
10
tT
Transition Time (Rise and Fall)
2
50
50
50
ns
2
2
7
tREF
Refresh Period
-
16
16
16
ms
-
-
Capacitance (VCC = 5V+/-10%, TA = 25C)
Symbol
Parameter
Note
CI1
CI2
CI/O
¤
Input Capacitance (Address)
Input Capacitance (Clocks)
Data Input/Output Capacitance (Data-In/Out)
1
1
1, 2
Unit
§Ü
§Ü
§Ü
Max
5
7
7
Min
-
-
-
Note: 1. Capacitance measured with Boonton Meter or effective capacitance measuring method.
2. CAS = VIH to disable DOUT.
AC Characteristics (VCC = 5V+/-10%, TA = 0 ~ 70C, Notes 1, 14, 15, 16)
tODD
OE to DIN Delay Time
15
-
-
-
ns
18
20
tDZO
OE Delay Time from DIN
0
-
-
-
ns
0
0
tDZC
CAS Set-up Time from DIN
0
-
-
-
ns
0
0
GM71C4403
C-60
GM71C4403
C-70
GM71C4403
C-80
Test Conditions
Input level : VIL=0V, VIH=3.0V
Input rise and fall times: 2ns
Input timing reference levels: VIL=0.8V, VIH=2.4V
Output timing reference levels: VOL=0.8V, VOH=2.0V
Output load : 1 TTL gate + CL (100§Ü)
(Including scope and jig)
10
19
20
22


Similar Part No. - GM71C4403CT-80

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71C4403D LG-GM71C4403D Datasheet
1Mb / 28P
   1,048,576 Words x Bit Organization
GM71C4403D-60 LG-GM71C4403D-60 Datasheet
1Mb / 28P
   1,048,576 Words x Bit Organization
GM71C4403D-70 LG-GM71C4403D-70 Datasheet
1Mb / 28P
   1,048,576 Words x Bit Organization
GM71C4403D-80 LG-GM71C4403D-80 Datasheet
1Mb / 28P
   1,048,576 Words x Bit Organization
GM71C4403DJ LG-GM71C4403DJ Datasheet
1Mb / 28P
   1,048,576 Words x Bit Organization
More results

Similar Description - GM71C4403CT-80

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71S4400C LG-GM71S4400C Datasheet
104Kb / 9P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
THM321000S-80 TOSHIBA-THM321000S-80 Datasheet
482Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM321020S-80 TOSHIBA-THM321020S-80 Datasheet
442Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM361020S-80 TOSHIBA-THM361020S-80 Datasheet
473Kb / 17P
   1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE
logo
List of Unclassifed Man...
NN514256A ETC1-NN514256A Datasheet
748Kb / 17P
   CMOS 256K x 4bit Dynamic RAM
logo
Vanguard International ...
VG26VS18165C VML-VG26VS18165C Datasheet
231Kb / 27P
   1,048,576 x 16 - Bit CMOS Dynamic RAM
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17800C HYNIX-GM71C17800C Datasheet
92Kb / 9P
   2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com