Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM71C4400CJ-70 Datasheet(PDF) 9 Page - LG Semicon Co.,Ltd.

Part # GM71C4400CJ-70
Description  1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

GM71C4400CJ-70 Datasheet(HTML) 9 Page - LG Semicon Co.,Ltd.

  GM71C4400CJ-70 Datasheet HTML 1Page - LG Semicon Co.,Ltd. GM71C4400CJ-70 Datasheet HTML 2Page - LG Semicon Co.,Ltd. GM71C4400CJ-70 Datasheet HTML 3Page - LG Semicon Co.,Ltd. GM71C4400CJ-70 Datasheet HTML 4Page - LG Semicon Co.,Ltd. GM71C4400CJ-70 Datasheet HTML 5Page - LG Semicon Co.,Ltd. GM71C4400CJ-70 Datasheet HTML 6Page - LG Semicon Co.,Ltd. GM71C4400CJ-70 Datasheet HTML 7Page - LG Semicon Co.,Ltd. GM71C4400CJ-70 Datasheet HTML 8Page - LG Semicon Co.,Ltd. GM71C4400CJ-70 Datasheet HTML 9Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LG Semicon
GM71C(S)4400C/CL
23
Package Dimension
20 (26) SOJ
Unit: Inches (mm)
0.669(17.00) MAX
0.661(16.80) MIN
0.148(3.76) MAX
0.128(3.25) MIN
0.036(0.91) MAX
0.026(0.66) MIN
TYP
0.050(1.27)
0.025(0.63) MIN
0.085(2.16) MIN
0.103(2.61) MAX
0.039(1.00) MAX
0.008(0.20)
0.021(0. 53) MAX
0.015(0.38) MIN
20 (26) TSOP II
0.690(17.54) MAX
0.667(16.94) MIN
0.048(1.23) MAX
0.020(0.50) MAX
0.012(0.30) MIN
TYP
0.050(1.27)
0.009(0.23) MAX
0.001(0.03) MIN
0.028(0.70) MAX
0.012(0.30) MIN
0.009(0.22) MAX
0.041(1.03) MIN
0 ~ 8
o


Similar Part No. - GM71C4400CJ-70

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71C4400D LG-GM71C4400D Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400D-60 LG-GM71C4400D-60 Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400D-70 LG-GM71C4400D-70 Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400D-80 LG-GM71C4400D-80 Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400DJ LG-GM71C4400DJ Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
More results

Similar Description - GM71C4400CJ-70

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
THM321000S-80 TOSHIBA-THM321000S-80 Datasheet
482Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM321020S-80 TOSHIBA-THM321020S-80 Datasheet
442Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM361020S-80 TOSHIBA-THM361020S-80 Datasheet
473Kb / 17P
   1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE
logo
List of Unclassifed Man...
NN514256A ETC1-NN514256A Datasheet
748Kb / 17P
   CMOS 256K x 4bit Dynamic RAM
logo
Vanguard International ...
VG26VS18165C VML-VG26VS18165C Datasheet
231Kb / 27P
   1,048,576 x 16 - Bit CMOS Dynamic RAM
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17800C HYNIX-GM71C17800C Datasheet
92Kb / 9P
   2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com