Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ82C Datasheet(PDF) 3 Page - Littelfuse

Part # P6SMBJ82C
Description  Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P6SMBJ82C Datasheet(HTML) 3 Page - Littelfuse

  P6SMBJ82C Datasheet HTML 1Page - Littelfuse P6SMBJ82C Datasheet HTML 2Page - Littelfuse P6SMBJ82C Datasheet HTML 3Page - Littelfuse P6SMBJ82C Datasheet HTML 4Page - Littelfuse P6SMBJ82C Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Silicon Avalanche Diodes
274
www .littelfuse .com
P6SMBJ 6V8 / P6SMBJ 6V8C
6V8 / 6V8C
5.50
6.12
7.48
10.0
1000.0 (4)
10.8
56.0
3.5
P6SMBJ 6V8A / P6SMBJ 6V8CA
6V8A /6V8CA
5.80
6.45
7.14
10.0
1000.0 (4)
10.5
57.0
3.5
P6SMBJ 7V5 / P6SMBJ 7V5C
7V5 / 7V5C
6.05
6.75
8.25
10.0
500.0 (4)
11.7
51.0
3.5
P6SMBJ 7V5A / P6SMBJ 7V5CA
7V5A / 7V5CA
6.40
7.13
7.88
10.0
500.0 (4)
11.3
53.0
3.5
P6SMBJ 8V2 / P6SMBJ 8V2C
8V2 / 8V2C
6.63
7.38
9.02
10.0
200.0 (4)
12.5
48.0
3.5
P6SMBJ 8V2A / P6SMBJ 8V2CA
8V2A / 8V2CA
7.02
7.79
8.61
10.0
200.0 (4)
12.1
50.0
3.5
P6SMBJ 9V1 / P6SMBJ 9V1C
9V1 / 9V1C
7.37
8.19
10.00
1.0
50.0 (4)
13.8
44.0
3.5
P6SMBJ 9V1A / P6SMBJ 9V1CA
9V1A / 9V1CA
7.78
8.65
9.55
1.0
50.0 (4)
13.4
45.0
3.5
P6SMBJ 10 / P6SMBJ 10C
10 / 10C
8.10
9.00
11.00
1.0
10.0 (4)
15.0
40.0
3.5
P6SMBJ 10A / P6SMBJ 10CA
10A / 10CA
8.55
9.50
10.50
1.0
10.0 (4)
14.5
41.0
3.5
P6SMBJ 11 / P6SMBJ 11C
11 / 11C
8.92
9.90
12.10
1.0
5.0 (4)
16.2
37.0
3.5
P6SMBJ 11A / P6SMBJ 11CA
11A / 11CA
9.40
10.50
11.60
1.0
5.0 (4)
15.6
38.0
3.5
P6SMBJ 12 / P6SMBJ 12C
12 / 12C
9.72
10.80
13.20
1.0
5.0 (4)
17.3
35.0
3.5
P6SMBJ 12A / P6SMBJ 12CA
12A / 12CA
10.20
11.40
12.60
1.0
5.0
16.7
36.0
3.5
P6SMBJ 13 / P6SMBJ 13C
13 / 13C
10.50
11.70
14.30
1.0
5.0
19.0
32.0
3.5
P6SMBJ 13A / P6SMBJ 13CA
13A / 13CA
11.10
12.40
13.70
1.0
5.0
18.2
33.0
3.5
P6SMBJ 15 / P6SMBJ 15C
15 / 15C
12.10
13.50
16.50
1.0
5.0
22.0
27.0
3.5
P6SMBJ 15A / P6SMBJ 15CA
15A / 15CA
12.80
14.30
15.80
1.0
5.0
21.2
28.0
3.5
P6SMBJ 16 / P6SMBJ 16C
16 / 16C
12.90
14.40
17.60
1.0
5.0
23.5
26.0
3.5
P6SMBJ 16A / P6SMBJ 16CA
16A / 16CA
13.60
15.20
16.80
1.0
5.0
22.5
27.0
3.5
P6SMBJ 18 / P6SMBJ 18C
18 / 18C
14.50
16.20
19.80
1.0
5.0
26.1
23.0
3.5
P6SMBJ 18A / P6SMBJ 18CA
18A / 18CA
15.30
17.10
18.90
1.0
5.0
25.2
24.0
`3.5
P6SMBJ 20 / P6SMBJ 20C
20 / 20C
16.20
18.00
22.00
1.0
5.0
29.1
21.0
3.5
P6SMBJ 20A / P6SMBJ 20CA
20A / 20CA
17.10
19.00
21.00
1.0
5.0
27.7
22.0
3.5
P6SMBJ 22 / P6SMBJ 22C
22 / 22C
17.80
19.80
24.20
1.0
5.0
31.9
19.0
3.5
P6SMBJ 22A / P6SMBJ 22CA
22A / 22CA
18.80
20.90
23.10
1.0
5.0
30.6
20.0
3.5
P6SMBJ 24 / P6SMBJ 24C
24 / 24C
19.40
21.60
26.40
1.0
5.0
34.7
17.0
3.5
P6SMBJ 24A / P6SMBJ 24CA
24A / 24CA
20.50
22.80
25.20
1.0
5.0
33.2
18.0
3.5
P6SMBJ 27 / P6SMBJ 27C
27 / 27C
21.80
24.30
29.70
1.0
5.0
39.1
15.0
3.5
P6SMBJ 27A / P6SMBJ 27CA
27A / 27CA
23.10
25.70
28.40
1.0
5.0
37.5
16.0
3.5
P6SMBJ 30 / P6SMBJ 30C
30 / 30C
24.30
27.00
33.0
1.0
5.0
43.5
14.0
3.5
P6SMBJ 30A / P6SMBJ 30CA
30A / 30CA
25.60
28.50
31.50
1.0
5.0
41.4
14.4
3.5
P6SMBJ 33 / P6SMBJ 33C
30 / 33C
26.80
29.70
36.30
1.0
5.0
47.7
12.6
3.5
P6SMBJ 33A / P6SMBJ 33CA
33A / 33CA
28.20
31.40
34.70
1.0
5.0
45.7
13.2
3.5
Part
Device
Reverse
Breakdown
Maximum Maximum Maximum Maximum
Number
Code
Standoff
Voltage
Reverse
Clamping
Peak Pulse
Forward
Uni-polar
Voltage
VBR (Volts) @ IT
Leakage
Voltage
Current
Voltage
VR
IR @ VR
VC @ IPP
IPP @ VC
(VF) @ IT
(Volts)
Min
Max
(mA)
(µA)
(Volts)
(A)
(Volts)
Notes:
1. BV is measured using a pulse of 20 milliseconds or less.
2. VF, for Uni-directional devices, is measured using a 300 microsecond square wave pulse IF = 50A
3. IR is doubled for Bi-directional devices only with VR equal or less than 10 volts.
P6SMBJ Series
ELECTRICAL SPECIFICATION @ Tamb 25°C
600W Surface Mount Transient Voltage Sup
pressors
®


Similar Part No. - P6SMBJ82C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P6SMBJ82CA LITTELFUSE-P6SMBJ82CA Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
More results

Similar Description - P6SMBJ82C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com