Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM71S4400CT-70 Datasheet(PDF) 2 Page - LG Semicon Co.,Ltd.

Part # GM71S4400CT-70
Description  1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

GM71S4400CT-70 Datasheet(HTML) 2 Page - LG Semicon Co.,Ltd.

  GM71S4400CT-70 Datasheet HTML 1Page - LG Semicon Co.,Ltd. GM71S4400CT-70 Datasheet HTML 2Page - LG Semicon Co.,Ltd. GM71S4400CT-70 Datasheet HTML 3Page - LG Semicon Co.,Ltd. GM71S4400CT-70 Datasheet HTML 4Page - LG Semicon Co.,Ltd. GM71S4400CT-70 Datasheet HTML 5Page - LG Semicon Co.,Ltd. GM71S4400CT-70 Datasheet HTML 6Page - LG Semicon Co.,Ltd. GM71S4400CT-70 Datasheet HTML 7Page - LG Semicon Co.,Ltd. GM71S4400CT-70 Datasheet HTML 8Page - LG Semicon Co.,Ltd. GM71S4400CT-70 Datasheet HTML 9Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LG Semicon
GM71C(S)4400C/CL
2
Pin Description
Pin
Function
Pin
Function
A0-A9
A0-A9
I/O1-I/O4
RAS
CAS
VCC
VSS
Address Inputs
Refresh Address Inputs
Data Input / Data Output
Row Address Strobe
Column Address Strobe
Read/Write Enable
Output Enable
Power (+5V)
Ground
Ordering Information
Type No.
Access Time
Package
GM71C(S)4400CJ/CLJ-60
GM71C(S)4400CJ/CLJ-70
GM71C(S)4400CJ/CLJ-80
300 Mil, 20 (26) Pin
Plastic SOJ
300 Mil, 20 (26) Pin
Plastic TSOP II
(Normal Type)
Absolute Maximum Ratings*
Symbol
Parameter
Rating
Unit
TA
TSTG
VIN/VOUT
VCC
IOUT
0 ~ 70
-55 ~ 125
-1.0 ~ 7.0
-1.0 ~ 7.0
50
Ambient Temperature under Bias
Storage Temperature (Plastic)
Voltage on any Pin Relative to VSS
Voltage on VCC Relative to VSS
Short Circuit Output Current
C
C
V
V
mA
PD
1.0
Power Dissipation
W
*Note: Operation at or above Absolute Maximum Ratings can adversely affect device reliability.
WE
GM71C(S)4400CT/CLT-60
GM71C(S)4400CT/CLT-70
GM71C(S)4400CT/CLT-80
300 Mil, 20 (26) Pin
Plastic TSOP II
(Reverse Type)
GM71C(S)4400CR/CLR-60
GM71C(S)4400CR/CLR-70
GM71C(S)4400CR/CLR-80
Recommended DC Operating Conditions (TA = 0 ~ 70C)
Symbol
Parameter
Unit
VCC
VIH
VIL
Supply Voltage
Input High Voltage
Input Low Voltage (I/O Pin)
V
V
V
Max
5.5
6.5
0.8
Typ
5.0
-
-
Min
4.5
2.4
-1.0
VIL
Input Low Voltage (Others)
V
0.8
-
-2.0
60
ns
70
ns
80
ns
OE
60
ns
70
ns
80
ns
60
ns
70
ns
80
ns


Similar Part No. - GM71S4400CT-70

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71S17403C-5 HYNIX-GM71S17403C-5 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71S17403C-6 HYNIX-GM71S17403C-6 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71S17403C-7 HYNIX-GM71S17403C-7 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71S17403CL-5 HYNIX-GM71S17403CL-5 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71S17403CL-6 HYNIX-GM71S17403CL-6 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71S4400CT-70

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
THM321000S-80 TOSHIBA-THM321000S-80 Datasheet
482Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM321020S-80 TOSHIBA-THM321020S-80 Datasheet
442Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM361020S-80 TOSHIBA-THM361020S-80 Datasheet
473Kb / 17P
   1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE
logo
List of Unclassifed Man...
NN514256A ETC1-NN514256A Datasheet
748Kb / 17P
   CMOS 256K x 4bit Dynamic RAM
logo
Vanguard International ...
VG26VS18165C VML-VG26VS18165C Datasheet
231Kb / 27P
   1,048,576 x 16 - Bit CMOS Dynamic RAM
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17800C HYNIX-GM71C17800C Datasheet
92Kb / 9P
   2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com