Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM71S4400CT-80 Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # GM71S4400CT-80
Description  1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

GM71S4400CT-80 Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

  GM71S4400CT-80 Datasheet HTML 1Page - LG Semicon Co.,Ltd. GM71S4400CT-80 Datasheet HTML 2Page - LG Semicon Co.,Ltd. GM71S4400CT-80 Datasheet HTML 3Page - LG Semicon Co.,Ltd. GM71S4400CT-80 Datasheet HTML 4Page - LG Semicon Co.,Ltd. GM71S4400CT-80 Datasheet HTML 5Page - LG Semicon Co.,Ltd. GM71S4400CT-80 Datasheet HTML 6Page - LG Semicon Co.,Ltd. GM71S4400CT-80 Datasheet HTML 7Page - LG Semicon Co.,Ltd. GM71S4400CT-80 Datasheet HTML 8Page - LG Semicon Co.,Ltd. GM71S4400CT-80 Datasheet HTML 9Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LG Semicon
GM71C(S)4400C/CL
Read- Modify-Write Cycle
Symbol
Parameter
Note
Max
Unit
Min
Max
Min
Max
Min
tRWC
Read-Modify-Write Cycle Time
150
-
180
-
200
-
ns
tRWD
RAS to WE Delay Time
80
-
95
-
105
-
ns
tCWD
CAS to WE Delay Time
35
-
45
-
45
-
ns
tAWD
Column Address to WE Delay Time
50
-
60
-
65
-
ns
10
10
10
6
tOEH
OE Hold Time from WE
15
-
20
-
20
-
ns
Refresh Cycle
Symbol
Parameter
Note
Max
Unit
Min
Max
Min
Max
Min
tCSR
CAS Set-up Time
(CAS-before-RAS Refresh Cycle)
10
-
10
-
10
-
ns
tCHR
CAS Hold Time
(CAS-before-RAS Refresh Cycle)
10
-
10
-
10
-
ns
tRPC
RAS Precharge to CAS Hold Time
10
-
10
-
10
-
ns
tCPN
CAS Precharge Time in Normal Mode
10
-
10
-
10
-
ns
Fast Page Mode Cycle
Symbol
Parameter
Note
Max
Unit
Min
Max
Min
Max
Min
tPC
Fast Page Mode Cycle Time
40
-
45
-
50
-
ns
tCP
Fast Page Mode CAS Precharge Time
100,000
100,000
100,000
ns
tRASP
Fast Page Mode RAS Pulse Width
-
35
-
40
-
45
ns
tACP
Access Time from CAS Precharge
ns
tRHCP
RAS Hold Time from CAS Precharge
35
-
40
-
45
-
ns
12
3,13,17
10
10
10
-
-
-
-
-
-
tCPW
Fast Page Mode Read-Modify-Write Cycle
CAS Precharge to WE Delay Time
55
-
65
-
70
-
ns
tPRWC
Fast Page Mode Read-Modify-Write Cycle
Time
80
-
95
-
100
-
ns
10
GM71C(S)4400
C/CL-60
GM71C(S)4400
C/CL-70
GM71C(S)4400
C/CL-80
GM71C(S)4400
C/CL-60
GM71C(S)4400
C/CL-70
GM71C(S)4400
C/CL-80
GM71C(S)4400
C/CL-60
GM71C(S)4400
C/CL-70
GM71C(S)4400
C/CL-80


Similar Part No. - GM71S4400CT-80

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71S17403C-5 HYNIX-GM71S17403C-5 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71S17403C-6 HYNIX-GM71S17403C-6 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71S17403C-7 HYNIX-GM71S17403C-7 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71S17403CL-5 HYNIX-GM71S17403CL-5 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71S17403CL-6 HYNIX-GM71S17403CL-6 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

Similar Description - GM71S4400CT-80

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
THM321000S-80 TOSHIBA-THM321000S-80 Datasheet
482Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM321020S-80 TOSHIBA-THM321020S-80 Datasheet
442Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM361020S-80 TOSHIBA-THM361020S-80 Datasheet
473Kb / 17P
   1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE
logo
List of Unclassifed Man...
NN514256A ETC1-NN514256A Datasheet
748Kb / 17P
   CMOS 256K x 4bit Dynamic RAM
logo
Vanguard International ...
VG26VS18165C VML-VG26VS18165C Datasheet
231Kb / 27P
   1,048,576 x 16 - Bit CMOS Dynamic RAM
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17800C HYNIX-GM71C17800C Datasheet
92Kb / 9P
   2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com