Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V27RA8 Datasheet(PDF) 2 Page - Littelfuse

Part # V27RA8
Description  Varistor Products - Low Profile
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V27RA8 Datasheet(HTML) 2 Page - Littelfuse

  V27RA8 Datasheet HTML 1Page - Littelfuse V27RA8 Datasheet HTML 2Page - Littelfuse V27RA8 Datasheet HTML 3Page - Littelfuse V27RA8 Datasheet HTML 4Page - Littelfuse V27RA8 Datasheet HTML 5Page - Littelfuse V27RA8 Datasheet HTML 6Page - Littelfuse V27RA8 Datasheet HTML 7Page - Littelfuse V27RA8 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
138
www .littelfuse .com
Varistor Products
RA Varistor Series
Absolute Maximum Ratings For ratings of individual members of a series, see Device Ratings and Specifications chart
Continuous:
Steady State Applied Voltage:
AC Voltage Range (VM(AC)RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 to 275
10to 275
4 to 275
V
DC Voltage Range (VM(DC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 to 369
14 to 369
18 to 369
V
Transient:
Peak Pulse Current (ITM)
For 8/20µs Current Wave (See Figure 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 to1200
1000 to 4500
2000 to 6500
A
Single Pulse Energy Range (Note 1)
For 10/1000µs Current Wave (WTM ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.4 to 23
3.5 to 75
70 to 160
J
Operating Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 125
-55 to -125
-55 to -125
O
C
Storage Temperature Range (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 150
-55 to 150
-55 to 150
O
C
Temperature Coefficient (αV) of Clamping Voltage
(VC) at Specified Test Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <0.01
<0.01
<0.01
%/OC
Hi-Pot Encapsulation (Isolation Voltage Capability)
(Dielectric must withstand indicated DC voltage for
one minute per MIL-STD 202, Method 301)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5000
5000
5000
V
Insulation Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000
1000
1000
MΩ
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Device Ratings and Specifications (Note 1)
RA8 SERIES
RA16 SERIES
RA22 SERIES
UNITS
Low Profile
PART
NUMBER
BRAND
MAXIMUM RATINGS (125 oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLTAGE AT
1mA DC TEST
CURRENT
MAX CLAMPING
VOLTAGE V C AT
TEST CURRENT
(8/20µs)
TYPICAL
CAPACI-
TANCE
VRMS
VDC
ENERGY
(10/1000µs)
PEAK
CURRENT
(8/20µs)
VM(AC)
VM(DC)
WTM
ITM
MIN
VN(DC)
MAX
VC
IP
f = 1MHz
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(V)
(A)
(pF)
RA8 SERIES
V8RA8
8R
4
5.5
0.4
150
6
8.2
11.2
22
5
3000
V12RA8
12R
6
8
0.6
150
9
12
16
34
5
2500
V18RA8
18R
10
14
0.8
250
14.4
18
21.6
42
5
2000
V22RA8
22R
14
18
(Note 3)
10
(Note 2)
250
18.7
22
26
47
5
1600
V27RA8
27R
17
22
1.0
250
23
27
31.1
57
5
1300
V33RA8
33R
20
26
1.2
250
29.5
33
36.5
68
5
1100
V39RA8
39R
25
31
1.5
250
35
39
43
79
5
900
V47RA8
47R
30
38
1.8
250
42
47
52
92
5
800
V56RA8
56R
35
45
2.3
250
50
56
62
107
5
700
V68RA8
68R
40
56
3.0
250
61
68
75
127
5
600
V82RA8
82R
50
66
4.0
1200
74
82
91
135
10
500
V100RA8
100R
60
81
5.0
1200
90
100
110
165
10
400
V120RA8
120R
75
102
6.0
1200
108
120
132
205
10
300
V150RA8
150R
95
127
8.0
1200
135
150
165
250
10
250
V180RA8
180R
115
153
10.0
1200
162
180
198
295
10
200
V200RA8
200R
130
175
11.0
1200
184
200
228
340
10
180
V220RA8
220R
140
180
12.0
1200
198
220
242
360
10
160
V240RA8
240R
150
200
13.0
1200
212
240
268
395
10
150
V270RA8
270R
175
225
15.0
1200
247
270
303
455
10
130
V360RA8
360R
230
300
20.0
1200
324
360
396
595
10
100


Similar Part No. - V27RA8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V270MA2A LITTELFUSE-V270MA2A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
V270MA2A LITTELFUSE-V270MA2A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors
V270MA2A LITTELFUSE-V270MA2A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
V270MA4B LITTELFUSE-V270MA4B Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
V270MA4B LITTELFUSE-V270MA4B Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors
More results

Similar Description - V27RA8

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
   Varistor Products - Base Mount
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com