Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMOV34S461M6 Datasheet(PDF) 1 Page - Littelfuse

Part # TMOV34S461M6
Description  Varistor Products - High Energy Industrial Thermally Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV34S461M6 Datasheet(HTML) 1 Page - Littelfuse

  TMOV34S461M6 Datasheet HTML 1Page - Littelfuse TMOV34S461M6 Datasheet HTML 2Page - Littelfuse TMOV34S461M6 Datasheet HTML 3Page - Littelfuse TMOV34S461M6 Datasheet HTML 4Page - Littelfuse TMOV34S461M6 Datasheet HTML 5Page - Littelfuse TMOV34S461M6 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
95
www .littelfuse .com
2
Varistor Products
High Energy Industrial Thermally Protected
TMOV34S® Varistor Series
®
The Littelfuse Industrial TMOV34S series thermally protected varistor
represents a new development in circuit protection. It consists of a 34mm
square format varistor element ( MOV) with an integral thermally activated
element designed to open in the event of overheating due to abnormal
over-voltage, limited current conditions as outlined in UL1449 Feb. 1998
edition.The device has a third lead, an indicator lead, which may be used
to indicate that the MOV has been disconnected from the circuit. This lead
facilitates connection to monitoring circuitry. The TMOV34S devices offer
quick thermal response due to the close proximity of the integrated ther-
mal element to the MOV body. The integrated configuration also offers
lower inductance than most discreet solutions resulting in improved
clamping performance to fast over-voltage transients.
Features
• US Patent for Thermally Protected MOV- Patent # 6636403
• Designed to facilitate compliance to UL1449 for TVSS product.
• Hi Peak Current Rating to 40 kA.
• -55 Deg C to +85 Deg C operating temp.
• Agency Recognition : UL
• Alternative Design available with narrow
3mm wide monitor (right) lead.
AGENCY APPROVALS:
Recognized by UL under File UL E75901
34mm Devices-Devices are approved as an MOV to UL1449. Devices with
ratings greater than 420VAC are not affected by these abnormal voltage con-
ditions.
Accelerated Aging Testing-34mm devices comply with Acclerated Aging
Test requirements per. ANSI/IEEE C62.11 and may be used in secondary
surge arrestors.
AGENCY FILE NUMBERS: ULE75961 (UL1449)
Applications
• TVSS Products
• AC Panel Protection Modules
• AC Line Power Supplies
• AC Power Meters
• UPS (Uninterruptable Power Supply)
• Inverters
• AC/DC Power Supplies
• DIN Rail


Similar Part No. - TMOV34S461M6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S461MP LITTELFUSE-TMOV34S461MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
TMOV34S461MP LITTELFUSE-TMOV34S461MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
More results

Similar Description - TMOV34S461M6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
   Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
   Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
283Kb / 6P
   High Energy Industrial Thermally Protected
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com