Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V181DHB34 Datasheet(PDF) 5 Page - Littelfuse

Part # V181DHB34
Description  Varistor Products - High Energy Industrial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V181DHB34 Datasheet(HTML) 5 Page - Littelfuse

  V181DHB34 Datasheet HTML 1Page - Littelfuse V181DHB34 Datasheet HTML 2Page - Littelfuse V181DHB34 Datasheet HTML 3Page - Littelfuse V181DHB34 Datasheet HTML 4Page - Littelfuse V181DHB34 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
113
www .littelfuse .com
Varistor Products
2
High Energy Industrial
DHB34 Varistor Series
FIGURE 4. SURGE CURRENT RATING CURVES FOR
V131DHB34 - V751DHB34
DISC SIZE 34mm
V131DHB34 - V751DHB34
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
20
100
1,000
10,000
IMPULSE DURATION ( µs)
10
1
INDEFINITE
105
102
2
103
104
106
NOTE: If pulse ratings are exceeded, a shift of VN(DC) (at specified current)
of more than ±10% could result. This type of shift, which normally results in a
decrease of VN(DC), may result in the device not meeting the original pub-
lished specifications, but it does not prevent the device from continuing to
function, and to provide ample protection.
Pulse Rating Curves
Dia 3.81 +/- 0.08
7.06 +/- 0.2
0.51 typ
12.7 typ
3.7 typ
56 max
S2
S1
T max
25.4 +/- 0.5
37.5 max
TABLE OF DIMENSIONS -
THICKNESS AND TERMINAL OFFSETS
TYPE
T MAX
S1
+/- 1.15 mm
V131DHB34
7.8
V141DHB34
8.2
V151DHB34
8.8
V251DHB34
7.8
V271DHB34
8.7
V301DHB34
8.9
V321DHB34
9.3
V421DHB34
11.3
V481DHB34
12.2
V511DHB34
13.4
V571DHB34
V661DHB34
V751DHB34
14.8
S2
+/- 2.30mm
5.70
2.85
V111DHB34
7.6
5.50
2.65
6.00
3.00
6.30
3.15
6.00
3.00
V181DHB34
9.0
6.50
3.25
V201DHB34
9.2
6.70
3.35
6.50
3.25
7.00
3.50
7.24
3.66
V331DHB34
9.5
7.40
3.70
9.00
4.50
V441DHB34
11.5
9.10
4.55
V391DHB34
11.2
8.90
4.45
V351DHB34
10.5
8.20
4.10
9.60
4.80
10.50
5.25
V551DHB34
14.6
11.40
5.70
11.60
5.80
13.30
6.65
17.20
V681DHB34
14.00
7.00
17.5
14.70
7.35
18.20
VARISTOR DESIGNATOR
MAX AC RMS WORKING VOLTAGE
(FIRST SIGNIFICANT DIGITS) VM(AC)
DISC SIZE (mm)
SERIES DESIGNATOR
VM(AC) VOLTAGE DECADE MULTIPLIER
V 13 1 DHB 34
Ordering Information
Mechanical Dimensions
Terminals Configuration: Terminals A & B are connected to one varistor
element. Terminals B & C connected to second varistor element.
Terminal materials: Tin Plated over copper.


Similar Part No. - V181DHB34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V181206XMLAXX LITTELFUSE-V181206XMLAXX Datasheet
875Kb / 8P
   RoHS compliant Rated for surge current (8 x 20 us)
V181HA32 LITTELFUSE-V181HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V181HA40 LITTELFUSE-V181HA40 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V181HB34 LITTELFUSE-V181HB34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
V181HF34 LITTELFUSE-V181HF34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
More results

Similar Description - V181DHB34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
   Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
   Varistor Products - High Energy Industrial Square Disc
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com