Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6025P5 Datasheet(PDF) 3 Page - Littelfuse

Part # Q6025P5
Description  Triacs (0.8 A to 35 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6025P5 Datasheet(HTML) 3 Page - Littelfuse

  Q6025P5 Datasheet HTML 1Page - Littelfuse Q6025P5 Datasheet HTML 2Page - Littelfuse Q6025P5 Datasheet HTML 3Page - Littelfuse Q6025P5 Datasheet HTML 4Page - Littelfuse Q6025P5 Datasheet HTML 5Page - Littelfuse Q6025P5 Datasheet HTML 6Page - Littelfuse Q6025P5 Datasheet HTML 7Page - Littelfuse Q6025P5 Datasheet HTML 8Page - Littelfuse Q6025P5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheets
Triacs
©2004 Littelfuse, Inc.
E2 - 3
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
See “General Notes” on page E2 - 4 and “Electrical Specification Notes” on page E2 - 5.
IDRM
VTM
VGT
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (16)
mAmps
(1) (5)
Volts
(2) (6)
(15) (18)
(19)
Volts
(1) (8)
(12)
mAmps
(14)
Amps
(14)
Watts
Watts
(9) (13)
Amps
(1) (4) (13)
Volts/µSec
(1)
Volts/
µSec
(10)
µSec
Amp2Sec Amps/µSec
TC =
25 °C
TC =
100 °C
TC =
125 °C
TC =
25 °C
TC =
25 °C
60/50 Hz
TC=
100 °C
TC=
125 °C
MAX
MAX
MAX
MAX
TYP
MIN
TYP
0.02
0.5
1
1.6
2
15
1
10
0.2
10/8.3
1
40
30
2.5
0.41
20
0.02
0.5
1
1.6
2
15
1
10
0.2
10/8.3
1
35
25
2.5
0.41
20
0.02
0.5
1
1.6
2
15
1
10
0.2
10/8.3
1
25
15
2.5
0.41
20
0.02
0.5
1
1.6
2.5
25
1
10
0.2
10/8.3
1
50
40
3
0.41
20
0.02
0.5
1
1.6
2.5
25
1
10
0.2
10/8.3
1
45
35
3
0.41
20
0.02
0.5
1
1.6
2.5
25
1
10
0.2
10/8.3
1
35
25
3
0.41
20
0.02
0.5
1
1.6
2
15
1
10
0.2
20/16.7
1
40
30
2.5
1.6
30
0.02
0.5
1
1.6
2
15
1
10
0.2
20/16.7
1
40
30
2.5
1.6
30
0.02
0.5
1
1.6
2
15
1
10
0.2
20/16.7
1
30
20
2.5
1.6
30
0.02
0.5
1
1.6
2.5
25
1
10
0.2
20/16.7
1
50
40
3
1.6
30
0.02
0.5
1
1.6
2.5
25
1
10
0.2
20/16.7
1
50
40
3
1.6
30
0.02
0.5
1
1.6
2.5
25
1
10
0.2
20/16.7
1
40
30
3
1.6
30
0.05
0.5
2
1.6
2
20
1.2
15
0.3
55/46
2
50
40
2.5
12.5
50
0.05
0.5
2
1.6
2
20
1.2
15
0.3
55/46
2
50
40
2.5
12.5
50
0.05
0.5
2
1.6
2
20
1.2
15
0.3
55/46
2
40
30
2.5
12.5
50
0.05
0.5
2
1.6
2.5
30
1.2
15
0.3
55/46
2
100
75
3
12.5
50
0.05
0.5
2
1.6
2.5
30
1.2
15
0.3
55/46
2
100
75
3
12.5
50
0.05
0.5
2
1.6
2.5
30
1.2
15
0.3
55/46
2
75
50
3
12.5
50
0.05
0.5
2
1.6
2.5
30
1.2
15
0.3
55/46
2
60
40
3
12.5
50
0.05
3
1.6
2.5
30
1.2
15
0.3
55/46
2
50
3
12.5
50
0.05
0.5
2
1.6
2.5
50
1.6
18
0.5
80/65
4
200
120
3
26.5
70
0.05
0.5
2
1.6
2.5
50
1.6
18
0.5
80/65
4
200
120
3
26.5
70
0.05
0.5
2
1.6
2.5
50
1.6
18
0.5
80/65
4
150
100
3
26.5
70
0.05
0.5
2
1.6
2.5
50
1.6
18
0.5
80/65
4
125
85
3
26.5
70
0.05
3
1.6
2.5
50
1.6
18
0.5
80/65
4
100
3
26.5
70
0.05
0.5
2
1.6
2.5
50
1.8
20
0.5
100/83
4
250
150
3
41
70
0.05
0.5
2
1.6
2.5
50
1.8
20
0.5
100/83
4
250
150
3
41
70
0.05
0.5
2
1.6
2.5
50
1.8
20
0.5
100/83
4
220
125
3
41
70
0.05
0.5
2
1.6
2.5
50
1.8
20
0.5
100/83
4
150
100
3
41
70
0.05
3
1.6
2.5
50
1.8
20
0.5
100/83
4
100
3
41
70


Similar Part No. - Q6025P5

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
Q6025P TECCOR-Q6025P Datasheet
536Kb / 7P
   Alternistor Triacs?
More results

Similar Description - Q6025P5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
logo
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
   0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
   Internally Triggered Triacs (4 A to 15 A)
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
   1 A Triacs
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com