Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V18ZA2 Datasheet(PDF) 2 Page - Harris Corporation

Part # V18ZA2
Description  Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

V18ZA2 Datasheet(HTML) 2 Page - Harris Corporation

  V18ZA2 Datasheet HTML 1Page - Harris Corporation V18ZA2 Datasheet HTML 2Page - Harris Corporation V18ZA2 Datasheet HTML 3Page - Harris Corporation V18ZA2 Datasheet HTML 4Page - Harris Corporation V18ZA2 Datasheet HTML 5Page - Harris Corporation V18ZA2 Datasheet HTML 6Page - Harris Corporation V18ZA2 Datasheet HTML 7Page - Harris Corporation V18ZA2 Datasheet HTML 8Page - Harris Corporation V18ZA2 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
4-35
Absolute Maximum Ratings For ratings of individual members of a series, see Device Ratings and Specifications chart.
ZA SERIES
UNITS
Continuous:
Steady State Applied Voltage:
AC Voltage Range (VM(AC)RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Voltage Range (VM(DC)) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4 to 460
5.5 to 615
V
V
Transient:
Peak Pulse Current (ITM)
For 8/20
µs Current Wave (See Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Single Pulse Energy Range (Note 1)
For 10/1000
µs Current Wave (WTM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50 to 6500
0.1 to 52
A
J
Operating Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-55 to 85
oC
Storage Temperature Range (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-55 to 125
oC
Temperature Coefficient (
αV) of Clamping Voltage (VC) at Specified Test Current . . . . . . . . . . . . . . . . .
<0.01
%/oC
Hi-Pot Encapsulation (Isolation Voltage Capability) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2500
V
(Dielectric must withstand indicated DC voltage for one minute per MIL-STD 202, Method 301) . . . .
Insulation Resistance. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1000
M
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied..
Device Ratings and Specifications (Note 1)
VDE Certified. License Number 116895E
ZA Series Varistors are listed under UL File No. E135010 as a UL recognized component.
PART
NUMBER
MODEL
SIZE
DISC
DIA. (mm)
BRAND
MAXIMUM RATING (85oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLT-
AGE AT 1mA DC
TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE
8 x 20
µs
TYPICAL
CAPACI-
TANCE
f = 1MHz
VRMS
VDC
ENERGY 10
x 1000
µs
PEAK
CURRENT
8 x 20
µs
VM(AC)
VM(DC)
WTM
ITM
VNOM
MIN
VNOM
MAX
VC
IPK
C
(V)
(V)
(J)
(A)
(V)
(V)
(A)
(pF)
V8ZA05
5
Z08
4
5.5
0.1
50
6
11
30
1
1400
V8ZA1
7
08Z1
4
5.5
0.4
100
6
11
22
2.5
3000
V8ZA2
10
08Z2
4
5.5
0.8
250
6
11
20
5
7500
V12ZA05
5
Z12
6
8
0.14
50
9
16
37
1
1200
V12ZA1
7
12Z1
6
8
0.6
100
9
16
34
2.5
2500
V12ZA2
10
12Z2
6
8
1.2
250
9
16
30
5
6000
V18ZA05
5
Z18
10
14
0.17
100
14.4
21.6
36
1
1000
V18ZA1
7
18Z1
10
14
0.8
250
14.4
21.6
36
2.5
2000
V18ZA2
10
18Z2
10
14
1.5
500
14.4
21.6
36
5
5000
V18ZA3
14
18Z3
10
14
3.5
1000
14.4
21.6
36
10
11000
V18ZA40
20
18Z40
10
14
80 (Note 2)
2000
14.4
(Note 3)
21.6
37
20
22000
V22ZA05
5
Z22
14
18
0.2
100
18.7
26
43
1
800
V22ZA1
7
22Z1
14
18
0.9
250
18.7
26
43
2.5
1600
V22ZA2
10
22Z2
14
18
2
500
18.7
26
43
5
4000
V22ZA3
14
22Z3
14
18
4
1000
18.7
26
43
10
9000
V24ZA50
20
24Z50
14
18
(Note 4)
100 (Note 2)
2000
19.2
(Note 3)
26
43
20
18000
V27ZA05
5
Z27
17
22
0.25
100
23
31.1
53
1
600
V27ZA1
7
27Z1
17
22
1
250
23
31.1
53
2.5
1300
V27ZA2
10
27Z2
17
22
2.5
500
23
31.1
53
5
3000
V27ZA4
14
27Z4
17
22
5
1000
23
31.1
53
10
7000
V27ZA60
20
27Z60
17
22
120 (Note 2)
2000
23
(Note 3)
31.1
50
20
13000
ZA Series


Similar Part No. - V18ZA2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V18ZA2 LITTELFUSE-V18ZA2 Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V18ZA20P LITTELFUSE-V18ZA20P Datasheet
825Kb / 13P
   Radial Lead Varistors
V18ZA20P LITTELFUSE-V18ZA20P Datasheet
1Mb / 14P
   ZA Varistor Series
V18ZA20P LITTELFUSE-V18ZA20P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V18ZA20P LITTELFUSE-V18ZA20P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V18ZA2

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com