Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1S40B1508C7ES Datasheet(PDF) 11 Page - Altera Corporation

Part # EP1S40B1508C7ES
Description  Stratix Device Family Data Sheet
Download  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1S40B1508C7ES Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP1S40B1508C7ES Datasheet HTML 7Page - Altera Corporation EP1S40B1508C7ES Datasheet HTML 8Page - Altera Corporation EP1S40B1508C7ES Datasheet HTML 9Page - Altera Corporation EP1S40B1508C7ES Datasheet HTML 10Page - Altera Corporation EP1S40B1508C7ES Datasheet HTML 11Page - Altera Corporation EP1S40B1508C7ES Datasheet HTML 12Page - Altera Corporation EP1S40B1508C7ES Datasheet HTML 13Page - Altera Corporation EP1S40B1508C7ES Datasheet HTML 14Page - Altera Corporation EP1S40B1508C7ES Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 290 page
background image
Altera Corporation
Section I–1
Section I. Stratix Device
Family Data Sheet
This section provides the data sheet specifications for Stratix® devices.
They contain feature definitions of the internal architecture,
configuration and JTAG boundary-scan testing information, DC
operating conditions, AC timing parameters, a reference to power
consumption, and ordering information for Stratix devices.
This section contains the following chapters:
Chapter 1, Introduction
Chapter 2, Stratix Architecture
Chapter 3, Configuration & Testing
Chapter 4, DC & Switching Characteristics
Chapter 5, Reference & Ordering Information
Revision History
The table below shows the revision history for Chapters 1 through 5.
Chapter
Date/Version
Changes Made
1
July 2005, v3.2
Minor content changes.
September 2004, v3.1
Updated Table 1–6 on page 1–5.
April 2004, v3.0
Main section page numbers changed on first page.
Changed PCI-X to PCI-X 1.0 in “Features” on page 1–2.
Global change from SignalTap to SignalTap II.
The DSP blocks in “Features” on page 1–2 provide dedicated
implementation of multipliers that are now “faster than 300 MHz.”
January 2004, v2.2
Updated -5 speed grade device information in Table 1-6.
October 2003, v2.1
Add -8 speed grade device information.
July 2003, v2.0
Format changes throughout chapter.


Similar Part No. - EP1S40B1508C7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1S40B1508C7ES ALTERA-EP1S40B1508C7ES Datasheet
3Mb / 292P
   Stratix Device Handbook, Volume 1
More results

Similar Description - EP1S40B1508C7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2S15 ALTERA-EP2S15 Datasheet
2Mb / 238P
   Stratix II Device Family
HC1S25 ALTERA-HC1S25 Datasheet
1Mb / 110P
   HardCopy Stratix Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com