Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM71C4400CT Datasheet(PDF) 1 Page - LG Semicon Co.,Ltd.

Part # GM71C4400CT
Description  1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

GM71C4400CT Datasheet(HTML) 1 Page - LG Semicon Co.,Ltd.

  GM71C4400CT Datasheet HTML 1Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 2Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 3Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 4Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 5Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 6Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 7Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 8Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 9Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GM71C(S)4400C/CL
1,048,576 WORDS x 4BIT
CMOS DYNAMIC RAM
Description
The GM71C(S)4400C/CL is the new generation
dynamic RAM organized 1,048,576 words x 4 bit.
GM71C(S)4400C/CL has realized higher density,
higher performance and various functions by
utilizing advanced CMOS process technology. The
GM71C(S)4400C/CL offers Fast Page Mode as a
high speed access Mode. Multiplexed address
inputs permit the GM71C(S)4400C/CL to be
packaged in a standard 300mil 20(26) pin plastic
SOJ
and
standard 300mil 20(26) pin plastic
TSOP II. The package size provides high system
bit densities and is compatible with widely
available
automated
testing
and
insertion
equipment. System oriented features include single
power supply of 5V+/-10% tolerance, direct
interfacing capability with high performance logic
families such as Schottky TTL.
Features
* 1,048,576 Words x 4 Bit Organization
* Fast Page Mode Capability
* Single Power Supply (5V+/-10%)
* Fast Access Time & Cycle Time
GM71C(S)4400C/CL-60
GM71C(S)4400C/CL-70
GM71C(S)4400C/CL-80
tRAC
tCAC
tRC
tPC
60
70
80
15
20
20
110
130
150
40
45
50
* Low Power
Active : 605/550/495mW (MAX)
Standby : 5.5mW (CMOS level : MAX)
1.1mW (L-version)
* RAS Only Refresh, CAS before RAS Refresh,
Hidden Refresh Capability
* All inputs and outputs TTL Compatible
* 1024 Refresh Cycles/16ms
* 1024 Refresh Cycles/128ms (L-version)
* Battery Back Up Operation (L-version)
(Unit: ns)
1
Pin Configuration
I/O1
I/O2
WE
RAS
A9
A0
A1
A2
A3
VCC
6
7
8
9
10
11
12
13
14
15
VSS
I/O4
I/O3
CAS
OE
A8
A7
A6
A5
A4
20 (26) SOJ
(Top View)
20 (26) TSOP II
(Top View)
LG Semicon Co.,Ltd.
1
2
3
4
5
16
17
18
19
20
6
7
8
9
10
11
12
13
14
15
I/O1
I/O2
WE
RAS
A9
A0
A1
A2
A3
VCC
VSS
I/O4
I/O3
CAS
OE
A8
A7
A6
A5
A4
1
2
3
4
5
16
17
18
19
20
6
7
8
9
10
11
12
13
14
15
VSS
I/O4
I/O3
CAS
OE
A8
A7
A6
A5
A4
I/O1
I/O2
WE
RAS
A9
A0
A1
A2
A3
VCC
NORMAL TYPE
REVERSE TYPE


Similar Part No. - GM71C4400CT

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71C4400D LG-GM71C4400D Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400D-60 LG-GM71C4400D-60 Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400D-70 LG-GM71C4400D-70 Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400D-80 LG-GM71C4400D-80 Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400DJ LG-GM71C4400DJ Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
More results

Similar Description - GM71C4400CT

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
THM321000S-80 TOSHIBA-THM321000S-80 Datasheet
482Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM321020S-80 TOSHIBA-THM321020S-80 Datasheet
442Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM361020S-80 TOSHIBA-THM361020S-80 Datasheet
473Kb / 17P
   1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE
logo
List of Unclassifed Man...
NN514256A ETC1-NN514256A Datasheet
748Kb / 17P
   CMOS 256K x 4bit Dynamic RAM
logo
Vanguard International ...
VG26VS18165C VML-VG26VS18165C Datasheet
231Kb / 27P
   1,048,576 x 16 - Bit CMOS Dynamic RAM
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17800C HYNIX-GM71C17800C Datasheet
92Kb / 9P
   2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com