Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM71C4400CT Datasheet(PDF) 3 Page - LG Semicon Co.,Ltd.

Part # GM71C4400CT
Description  1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

GM71C4400CT Datasheet(HTML) 3 Page - LG Semicon Co.,Ltd.

  GM71C4400CT Datasheet HTML 1Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 2Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 3Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 4Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 5Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 6Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 7Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 8Page - LG Semicon Co.,Ltd. GM71C4400CT Datasheet HTML 9Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LG Semicon
GM71C(S)4400C/CL
3
DC Electrical Characteristics (VCC = 5V+/-10%, TA = 0 ~ 70C)
Note: 1. ICC depends on output load condition when the device is selected. ICC(max) is specified at the output
open condition.
2. Address can be changed once or less while RAS = VIL.
3. Address can be changed once or less while CAS = VIH.
4. L-version.
5. VCC-0.2V<=VIH<=6.5V, 0V<=VIL<=0.2V.
Symbol
Parameter
Note
VOH
VOL
Output Level
Output “H” Level Voltage (IOUT = -5mA)
Unit
V
V
Max
VCC
0.4
Min
2.4
0
Output Level
Output “L” Level Voltage (IOUT = 4.2mA)
ICC1
mA
110
-
Operating Current
Average Power Supply Operating Current
(RAS, CAS, Address Cycling: tRC = tRC min)
60ns
70ns
80ns
100
90
-
-
1, 2
ICC2
mA
Standby Current (TTL)
Power Supply Standby Current
(RAS, CAS= VIH, DOUT = High-Z)
2
-
ICC3
mA
2
ICC4
mA
1, 3
110
-
60ns
70ns
80ns
100
90
-
-
110
-
60ns
70ns
80ns
100
90
-
-
ICC5
mA
1
-
ICC6
mA
CAS-before-RAS Refresh Current
(tRC = tRC min)
110
-
60ns
70ns
80ns
100
90
-
-
ICC7
uA
300
-
4, 5
uA
200
-
5
ICC8
mA
Standby Current RAS = VIH
CAS = VIL
DOUT = Enable
5
-
1
II(L)
uA
10
-10
IO(L)
uA
10
-10
Input Leakage Current
Any Input (0V<=VIN<=7V)
Output Leakage Current
(DOUT is Disabled, 0V<=VOUT<=7V)
RAS-Only Refresh Current
Average Power Supply Current
RAS-Only Refresh Mode
(RAS Cycling, CAS = VIH, tRC = tRC min)
Fast Page Mode Current
Average Power Supply Current
Fast Page Mode
(RAS = VIL, CAS, Address Cycling: tPC = tPC min)
Standby Current (CMOS)
Power Supply Standby Current
(RAS, CAS >= VCC - 0.2V , DOUT=High-Z)
Battery Back Up Current (Standby with CBR Refresh)
(tRC=125us, tRAS<=1us, WE=VIH, CAS=VIL,
OE, Address and DIN=VIH or VIL, DOUT=High-Z)
4, 5


Similar Part No. - GM71C4400CT

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71C4400D LG-GM71C4400D Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400D-60 LG-GM71C4400D-60 Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400D-70 LG-GM71C4400D-70 Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400D-80 LG-GM71C4400D-80 Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400DJ LG-GM71C4400DJ Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
More results

Similar Description - GM71C4400CT

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
THM321000S-80 TOSHIBA-THM321000S-80 Datasheet
482Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM321020S-80 TOSHIBA-THM321020S-80 Datasheet
442Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM361020S-80 TOSHIBA-THM361020S-80 Datasheet
473Kb / 17P
   1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE
logo
List of Unclassifed Man...
NN514256A ETC1-NN514256A Datasheet
748Kb / 17P
   CMOS 256K x 4bit Dynamic RAM
logo
Vanguard International ...
VG26VS18165C VML-VG26VS18165C Datasheet
231Kb / 27P
   1,048,576 x 16 - Bit CMOS Dynamic RAM
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17800C HYNIX-GM71C17800C Datasheet
92Kb / 9P
   2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com