Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V22ZA1 Datasheet(PDF) 8 Page - Harris Corporation

Part # V22ZA1
Description  Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

V22ZA1 Datasheet(HTML) 8 Page - Harris Corporation

Back Button V22ZA1 Datasheet HTML 4Page - Harris Corporation V22ZA1 Datasheet HTML 5Page - Harris Corporation V22ZA1 Datasheet HTML 6Page - Harris Corporation V22ZA1 Datasheet HTML 7Page - Harris Corporation V22ZA1 Datasheet HTML 8Page - Harris Corporation V22ZA1 Datasheet HTML 9Page - Harris Corporation V22ZA1 Datasheet HTML 10Page - Harris Corporation V22ZA1 Datasheet HTML 11Page - Harris Corporation V22ZA1 Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
4-41
FIGURE 16. SURGE CURRENT RATING CURVES FOR
V82ZA05 - V750ZA05
FIGURE 17. SURGE CURRENT RATING CURVES FOR
V8ZA1 - V12ZA1
FIGURE 18. SURGE CURRENT RATING CURVES FOR
V18ZA1 - V68ZA2
FIGURE 19. SURGE CURRENT RATING CURVES FOR
V82ZA2 - V180ZA1
FIGURE 20. SURGE CURRENT RATING CURVES FOR
V8ZA2 - V127ZA2
FIGURE 21. SURGE CURRENT RATING CURVES FOR
V18ZA2 - V68ZA3
Pulse Rating Curves (Continued)
50
20
10
5
2
1
0.5
0.2
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
104
105
106
MODEL SIZE 5mm
V82ZA05 - V750ZA05
500
200
100
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
104
105
106
200
100
50
20
10
5
2
1
0.5
0.2
MODEL SIZE 7mm
V8ZA1 - V12ZA1
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
500
200
100
50
20
10
2
1
0.5
0.2
104
105
106
5
MODEL SIZE 7mm
V18ZA1 - V68ZA2
2,000
1,000
200
100
50
20
10
5
1
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
102
104
105
106
103
INDEFINITE
MODEL SIZE 7mm
V82ZA2 - V180ZA1
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
500
200
100
50
20
10
2
1
0.5
0.2
104
105
106
5
MODEL SIZE 10mm
V8ZA2 - V12ZA2
1,000
500
100
50
20
10
5
1
2
200
20
1
2
105
106
104
INDEFINITE
MODEL SIZE 10mm
V18ZA2 - V68ZA3
100
1,000
10,000
IMPULSE DURATION (
µs)
102
103
ZA Series


Similar Part No. - V22ZA1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V22ZA1 LITTELFUSE-V22ZA1 Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V22ZA1P LITTELFUSE-V22ZA1P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V22ZA1P LITTELFUSE-V22ZA1P Datasheet
825Kb / 13P
   Radial Lead Varistors
V22ZA1P LITTELFUSE-V22ZA1P Datasheet
1Mb / 14P
   ZA Varistor Series
V22ZA1P LITTELFUSE-V22ZA1P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
More results

Similar Description - V22ZA1

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com