Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V68MA3A Datasheet(PDF) 5 Page - Littelfuse

Part # V68MA3A
Description  Varistor Products - Axial Lead
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V68MA3A Datasheet(HTML) 5 Page - Littelfuse

  V68MA3A Datasheet HTML 1Page - Littelfuse V68MA3A Datasheet HTML 2Page - Littelfuse V68MA3A Datasheet HTML 3Page - Littelfuse V68MA3A Datasheet HTML 4Page - Littelfuse V68MA3A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
131
www .littelfuse .com
Varistor Products
2
Axial Lead
MA Varistor Series
Mechanical Dimensions
Pulse Rating Curves
FIGURE 8. SURGE CURRENT RATING CURVES FOR
V120MA SERIES - V430MA SERIES
100
50
20
10
5
2
1
0.5
0.2
0.1
20
100
1,000
10,000
IMPULSE DURATION ( µs)
2
10
102
103
1
104
105
106
INDEFINITE
DISC SIZE 3mm
V120MA1A -V430MA7B
FIGURE 7. SURGE CURRENT RATING CURVES FOR V18MA
SERIES - V100MA SERIES
50
20
10
5
2
1
0.5
0.2
0.1
2
10
102
103
DISC SIZE 3mm
V18MA1A -V100MA4B
1
104
105
INDEFINITE
106
20
100
1,000
10,000
IMPULSE DURATION ( µs)
NOTE: If pulse ratings are exceeded, a shift of VN(DC) (at specified current) of more than ±10% could result. This type of shift, which normally results in a decrease of VN(DC),
may result in the device not meeting the original published specifications, but it does not prevent the device from continuing to function, and to provide ample protection.
Tape and Reel Specification
Ordering Information
SYMBOL
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
Øb
0.024
0.026
0.61
0.66
ØD
0.135
0.177
3.43
4.5
G
0.098
0.177
3.43
4.5
H
0.118
0.236
3.0
6.0
L
1.130
1.220
28.70
31.0
Typical Weight = 25g
• Conf orms to EIA Standard RS-296E
H1
H2
0.240
± 0.040
2.062
± 0.059
2.681
MAX
0.063
MAX
0.135-
0.145
0.098-
0.177
0.118-
0.236
0.063
MAX
0.02-
0.023
0.200
± 0.020
0.080
MAX
0.240
± 0.040
H1 = H2 ± 0.040
VARISTO R
VARISTOR VOLTAGE
(VN at 1mA)
ENERGY/CLAMPING
VOLTAGE VARIANT
SERIES DESIGNATOR
Bulk
Use “MT” for Tape and Reel
V XXX MA XX


Similar Part No. - V68MA3A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V68MA3A LITTELFUSE-V68MA3A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors
V68MA3A LITTELFUSE-V68MA3A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
More results

Similar Description - V68MA3A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
V150LT10A LITTELFUSE-V150LT10A Datasheet
309Kb / 11P
   Varistor Products
V9MLA0402LNR LITTELFUSE-V9MLA0402LNR Datasheet
380Kb / 8P
   Varistor Products
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V130PA20A LITTELFUSE-V130PA20A Datasheet
86Kb / 5P
   Varistor Products - Base Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com