Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM71C4400CLR Datasheet(PDF) 5 Page - LG Semicon Co.,Ltd.

Part # GM71C4400CLR
Description  1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

GM71C4400CLR Datasheet(HTML) 5 Page - LG Semicon Co.,Ltd.

  GM71C4400CLR Datasheet HTML 1Page - LG Semicon Co.,Ltd. GM71C4400CLR Datasheet HTML 2Page - LG Semicon Co.,Ltd. GM71C4400CLR Datasheet HTML 3Page - LG Semicon Co.,Ltd. GM71C4400CLR Datasheet HTML 4Page - LG Semicon Co.,Ltd. GM71C4400CLR Datasheet HTML 5Page - LG Semicon Co.,Ltd. GM71C4400CLR Datasheet HTML 6Page - LG Semicon Co.,Ltd. GM71C4400CLR Datasheet HTML 7Page - LG Semicon Co.,Ltd. GM71C4400CLR Datasheet HTML 8Page - LG Semicon Co.,Ltd. GM71C4400CLR Datasheet HTML 9Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LG Semicon
GM71C(S)4400C/CL
Read Cycle
Symbol
Parameter
Note
Max
Unit
Min
Max
Min
Max
Min
tRAC
Access Time from RAS
-
60
-
70
-
80
ns
tCAC
Access Time from CAS
-
15
-
20
-
20
ns
tAA
Access Time from Address
-
30
-
35
-
40
ns
tRCS
Read Command Setup Time
0
-
0
-
0
-
ns
tRCH
Read Command Hold Time to CAS
0
-
-
-
ns
0
0
tRRH
Read Command Hold Time to RAS
0
-
-
-
ns
0
0
tRAL
Column Address to RAS Lead Time
30
-
-
-
ns
35
40
5
2,3,17
3, 4,
13, 17
3, 5,
13, 17
tOFF1
Output Buffer Turn-off Time
15
15
15
ns
6
Write Cycle
Symbol
Parameter
Note
Max
Unit
Min
Max
Min
Max
Min
tWCS
Write Command Setup Time
0
-
0
-
0
-
ns
tWCH
Write Command Hold Time
15
-
15
-
15
-
ns
tWP
Write Command Pulse Width
10
-
10
-
10
-
ns
tRWL
Write Command to RAS Lead Time
15
-
20
-
20
-
ns
tCWL
Write Command to CAS Lead Time
15
-
-
-
ns
20
20
tDS
Data-in Setup Time
0
-
-
-
ns
0
0
tDH
Data-in Hold Time
15
-
-
-
ns
15
15
11
11
10
0
0
0
tOAC
Access Time from OE
-
15
-
20
-
20
ns
3,17
tOFF2
Output Buffer Turn-off Time from OE
15
15
15
ns
6
0
0
0
tCDD
CAS to DIN Delay Time
-
-
-
ns
18
15
20
20
18
GM71C(S)4400
C/CL-60
GM71C(S)4400
C/CL-70
GM71C(S)4400
C/CL-80
tOEP
OE Pulse width
-
-
-
ns
15
20
20
GM71C(S)4400
C/CL-60
GM71C(S)4400
C/CL-70
GM71C(S)4400
C/CL-80


Similar Part No. - GM71C4400CLR

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71C4400D LG-GM71C4400D Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400D-60 LG-GM71C4400D-60 Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400D-70 LG-GM71C4400D-70 Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400D-80 LG-GM71C4400D-80 Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
GM71C4400DJ LG-GM71C4400DJ Datasheet
1Mb / 23P
   1,048,576 Words x Bit Organization
More results

Similar Description - GM71C4400CLR

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
GM71C4403C LG-GM71C4403C Datasheet
108Kb / 10P
   1,048,576 WORDS x 4BIT CMOS DYNAMIC RAM
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
THM321000S-80 TOSHIBA-THM321000S-80 Datasheet
482Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM321020S-80 TOSHIBA-THM321020S-80 Datasheet
442Kb / 17P
   1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE
THM361020S-80 TOSHIBA-THM361020S-80 Datasheet
473Kb / 17P
   1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE
logo
List of Unclassifed Man...
NN514256A ETC1-NN514256A Datasheet
748Kb / 17P
   CMOS 256K x 4bit Dynamic RAM
logo
Vanguard International ...
VG26VS18165C VML-VG26VS18165C Datasheet
231Kb / 27P
   1,048,576 x 16 - Bit CMOS Dynamic RAM
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17800C HYNIX-GM71C17800C Datasheet
92Kb / 9P
   2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com