Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V141HA32 Datasheet(PDF) 1 Page - Littelfuse

Part # V141HA32
Description  Varistor Products - High Energy Industrial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V141HA32 Datasheet(HTML) 1 Page - Littelfuse

  V141HA32 Datasheet HTML 1Page - Littelfuse V141HA32 Datasheet HTML 2Page - Littelfuse V141HA32 Datasheet HTML 3Page - Littelfuse V141HA32 Datasheet HTML 4Page - Littelfuse V141HA32 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
90
www .littelfuse .com
Varistor Products
High Energy Industrial
HA Varistor Series
HA Series transient surge suppressors are industrial high energy
metal-oxide varistors (MOVs). They are designed to provide secondary
surge protection in the outdoor and service entrance environment
(distribution panels) of buildings, and also in industrial applications for
motor controls and power supplies used in the oil-drilling, mining, and
transportation fields.
The design of the HA Series of metal oxide varistors provide rigid
terminals for screw mounting. Also available in a clipped lead version
for through hole board placement or to accommodate soldered leads -
designation “HC”.
See Ratings and Specifications table for part number and brand information.
Features
• Wide Operating Voltage Range
VM(AC)RMS .................................. .110V to 750V
• Two Disc Sizes Available . .................... 32mm and 40mm
• High Energy Absorption
Capability...............................WTM = 170J to 1050J
• High Peak Pulse Current
Capability,. ..........................ITM = 25,000A to 40,000A
• Rigid Terminals for Secure Mounting
• Available in Trimmed Version for Through Hole Board Mounting -
Designation “HC”
• No Derating Up to 85oC Ambient
AGENCY APPROVALS: Recognized under the components program of
Underwriters Laboratories. Certified by CSA.
AGENCY FILE NUMBERS: UL E75961, CSA LR91788.
ALSO SEE
HB34 SERIES
®
®


Similar Part No. - V141HA32

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V141HB34 LITTELFUSE-V141HB34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
V141HF34 LITTELFUSE-V141HF34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
V141HG34 LITTELFUSE-V141HG34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
More results

Similar Description - V141HA32

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
   Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
   Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
   Varistor Products - High Energy Industrial Disc
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
   Varistor Products - High Energy Industrial Square Disc
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
   Varistor Products
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
   Varistor Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com