Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6025R5 Datasheet(PDF) 10 Page - Littelfuse

Part # Q6025R5
Description  Triacs (0.8 A to 35 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6025R5 Datasheet(HTML) 10 Page - Littelfuse

Back Button Q6025R5 Datasheet HTML 2Page - Littelfuse Q6025R5 Datasheet HTML 3Page - Littelfuse Q6025R5 Datasheet HTML 4Page - Littelfuse Q6025R5 Datasheet HTML 5Page - Littelfuse Q6025R5 Datasheet HTML 6Page - Littelfuse Q6025R5 Datasheet HTML 7Page - Littelfuse Q6025R5 Datasheet HTML 8Page - Littelfuse Q6025R5 Datasheet HTML 9Page - Littelfuse Q6025R5 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Triacs
Data Sheets
http://www.littelfuse.com
E2 - 10
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Figure E2.16 Power Dissipation (Typical) versus On-state Current
(0.8 A and 1 A)
Figure E2.17 Power Dissipation (Typical) versus On-state Current
(6 A to 10 A and 15 A)
Figure E2.18 Power Dissipation (Typical) versus On-state Current
(25 A to 35 A)
Figure E2.19 Power Dissipation (Typical) versus RMS On-state Current
(4 A)
RMS On-state Current [I
T(RMS)] – Amps
0
0.25
0.50
0.75
1.0
1.25
0
0.5
1.0
1.5
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
1 A
0.8 A
0123456789
10 11 12 13 14 15 16
0
2
4
6
8
10
12
14
16
18
RMS On-state Current [l
T(RMS)] – Amps
6-10 A
15 A
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
0
8
16
24
32
40
0
5
10
15
20
25
30
35
40
45
RMS On-state Current [l
T(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
25 A
25 A - 35 A Fastpaks
RMS On-state Current [I
T(RMS)] – Amps
0
1.0
2.0
3.0
4.0
0
1.0
2.0
3.0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360˚
4 A
4.0


Similar Part No. - Q6025R5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
Q6025R5 ISC-Q6025R5 Datasheet
185Kb / 1P
   isc Thyristors
More results

Similar Description - Q6025R5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
logo
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
   0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
   Internally Triggered Triacs (4 A to 15 A)
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
   1 A Triacs
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com