Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V10E250P Datasheet(PDF) 4 Page - Littelfuse

Part # V10E250P
Description  Varistor Products - High Surge Current, Radial Lead
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V10E250P Datasheet(HTML) 4 Page - Littelfuse

  V10E250P Datasheet HTML 1Page - Littelfuse V10E250P Datasheet HTML 2Page - Littelfuse V10E250P Datasheet HTML 3Page - Littelfuse V10E250P Datasheet HTML 4Page - Littelfuse V10E250P Datasheet HTML 5Page - Littelfuse V10E250P Datasheet HTML 6Page - Littelfuse V10E250P Datasheet HTML 7Page - Littelfuse V10E250P Datasheet HTML 8Page - Littelfuse V10E250P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
39
www .littelfuse .com
2
Varistor Products
UltraMOVVaristor Series
High Surge Current, Radial Lead
Device Ratings and Specifications (Continued)
V10E550
10V550
550
745
90
819
1001
1500
25
100
V14E550
14V550
550
745
180
819
1001
1500
50
180
V20E550
20V550
550
745
360
819
1001
1500
100
300
V10E625
10V625
625
825
100
900
1100
1650
25
90
V14E625
14V625
625
825
200
900
1100
1650
50
160
V20E625
20V625
625
825
400
900
1100
1650
100
250
NOTE:
1. Average power dissipation of transients should not exceed 0.25W, 0.4W, 0.6W and 1.0W for 7mm, 10mm, 14mm, and 20mm model sizes,
respectively.
Device Ratings and Specifications (Continued)
BRANDING
MAXIMUM RATING (85 oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR
VOLTAGE AT 1mA
DC TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE 8 x 20
µs
TYPICAL
CAPACI-
TANCE
RMS
VOLTS
DC
VOLTS
ENERGY
2ms
PEAK CURRENT
8 x 20
µs
V M(AC)
VM(DC)
WTM
VNOM
MIN
VNOM
MAX
VC
IPK
f = 1MHz
(V)
(V)
(J)
ITM
1 x PULSE
(A)
3500
6000
10000
3500
6000
10000
2500
4500
6500
2500
4500
6500
ITM
2 x PULSE
(A)
(V)
(V)
(A)
(pF)
V10E550P
P10V550
V14E550P
P14V550
V20E550P
P20V550
V10E625P
P10V625
V14E625P
P14V625
V20E625P
P20V625
LEAD-FREE
AND RoHS
COMPLIANT
MODELS
STANDARD
MODELS
Pb
RoHS
BRANDING
PART
NUMBER
PART
NUMBER
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100 110 120 130 140 150
AMBIENT TEMPERATURE ( oC)
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
100
90
50
10
O1
T
T1
T2
TIME
O1 = Virtual Origin of Wave
T = Time From 10% to 90% of Peak
T1 = Virtual Front time = 1.25 • t
T2 = VirtualTime to Half Value (Impulse Duration)
Example: For an 8/20
µs Current Waveform:
8
µs = T1 = Virtual Front Time
20
µs = T2 = Virtual Time to Half Value
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
Power Dissipation Ratings
Should transients occur in rapid succession, the average power dissipa-
tion is the energy (watt-seconds) per pulse times the number of pulses
per second. The power so developed must be within the specifications
shown on the Device Ratings and Specifications table for the specific
device. Furthermore, the operating values need to be derated at high
temperatures as shown in Figure 1. Because varistors can only dissipate
a relatively small amount of average power they are, therefore, not
suitable for repetitive applications that involve substantial amounts of
average power dissipation.
Pb
RoHS


Similar Part No. - V10E250P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V10E250P LITTELFUSE-V10E250P Datasheet
784Kb / 11P
   Radial Lead Varistors
V10E250P LITTELFUSE-V10E250P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V10E250P LITTELFUSE-V10E250P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V10E250P LITTELFUSE-V10E250P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V10E250P LITTELFUSE-V10E250P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V10E250P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
logo
Socay Electornics Co., ...
07D180K SOCAY-07D180K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com