Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5071 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5071
Description  Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5071 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5071 Datasheet HTML 1Page - National Semiconductor (TI) LM5071 Datasheet HTML 2Page - National Semiconductor (TI) LM5071 Datasheet HTML 3Page - National Semiconductor (TI) LM5071 Datasheet HTML 4Page - National Semiconductor (TI) LM5071 Datasheet HTML 5Page - National Semiconductor (TI) LM5071 Datasheet HTML 6Page - National Semiconductor (TI) LM5071 Datasheet HTML 7Page - National Semiconductor (TI) LM5071 Datasheet HTML 8Page - National Semiconductor (TI) LM5071 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM5071
Power Over Ethernet PD Controller with Auxiliary Power
Interface
General Description
The LM5071 power interface port and pulse width modula-
tion (PWM) controller provides a complete integrated solu-
tion for Powered Devices (PD) that connect into Power over
Ethernet (PoE) systems. The LM5071 is specifically de-
signed for the PD that must accept power from auxiliary
sources such as ac adapters. The auxiliary power inter-
face of the LM5071 activates the PWM controller when the
ac adapter is connected to power the PD when PoE network
power is unavailable. The LM5071 integrates an 80V,
400mA line connection switch and associated control for a
fully IEEE 802.3af compliant interface with a full featured
current mode pulse width modulator dc-dc converter. All
power sequencing requirements between the controller in-
terface and switch mode power supply (SMPS) are inte-
grated into the IC.
Features
n
Compatible with 12V ac adapters
n
Fully Compliant 802.3af Power Interface Port
n
80V, 1
Ω, 400 mA Internal MOSFET
n
Detection Resistor Disconnect Function
n
Programmable Classification Current
n
Programmable Under-voltage Lockout with
Programmable Hysteresis
n
Thermal Shutdown Protection
n
Auxiliary Power Enable Pin
n
Current Mode Pulse Width Modulator
n
Supports both Isolated and Non-Isolated Applications
n
Error Amplifier and Reference for Non-Isolated
Applications
n
Programmable Oscillator Frequency
n
Programmable Soft-start
n
80% Maximum Duty Cycle Limiter, Slope Compensation
(-80 device)
n
50% Maximum Duty Cycle Limiter, No Slope
Compensation (-50 device)
Packages
n
TSSOP-16
Block Diagram
20168401
November 2005
© 2005 National Semiconductor Corporation
DS201684
www.national.com


Similar Part No. - LM5071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5071 TI-LM5071 Datasheet
1Mb / 24P
[Old version datasheet]   Compatible with 12V AC Adapters, Fully Compliant 802.3af Power Interface Port
LM5071 TI1-LM5071 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50/NOPB TI1-LM5071MT-50/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-80 TI1-LM5071MT-80 Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
More results

Similar Description - LM5071

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
   Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
List of Unclassifed Man...
PEM1312 ETC2-PEM1312 Datasheet
753Kb / 5P
   Power Over Ethernet PD Module
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Texas Instruments
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Texas Instruments
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com